Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 88 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 88 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 84Page - Microchip Technology SIO1007 Datasheet HTML 85Page - Microchip Technology SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology SIO1007 Datasheet HTML 88Page - Microchip Technology SIO1007 Datasheet HTML 89Page - Microchip Technology SIO1007 Datasheet HTML 90Page - Microchip Technology SIO1007 Datasheet HTML 91Page - Microchip Technology SIO1007 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
SIO1007
DS00002020A-page 88
 2005 - 2015 Microchip Technology Inc.
O8 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 8mA
IOH = -4mA
O12 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 12mA
IOH = -6mA
IO12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12mA
IOH = -6mA
VIN = 0 to VCC
(Note 19-1)
OD12 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 12mA
VIN = 0 to VCC
OD14 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 14mA
VIN = 0 to VCC
OP14 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 14mA
IOH = -14mA
VIN = 0 to VCC
(Note 19-1)
IOP14 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 14mA
IOH = -14mA
VIN = 0 to VCC
(Note 19-1)
Progammable Pullup current
Ipu
18
34.5
60
µA
(Note 19-7)
Backdrive Protect/ChiProtect
(Note 19-5)
IIL
± 10
µA
VCC = 0V
VIN = 5.5V Max
5V Tolerant Pins (Note 19-5)IIL
± 10
µA
VCC = 3.3V
VIN = 5.5V Max
LPC Bus Pins (Note 19-5 and
Note 19-6)
IIL
± 10
µA
VCC = 0V and
VCC = 3.3V
VIN = 3.6V Max
VCC Supply Current Active
ICC
10
(Note 19
-2)
mA
All outputs open, all
inputs transitioning
from/to 0V to/from 3.3V
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com