Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 52 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 52 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
SIO1007
DS00002020A-page 52
 2005 - 2015 Microchip Technology Inc.
16.0
PME SUPPORT
The SIO1007 offers support for Power Management Events (PMEs), also referred to as System Control Interrupt (SCI)
events in an ACPI system. A power management event is indicated to the chipset via the assertion of the IO_PME#
signal. In the SIO1007, the IO_PME# is asserted by active transitions on the ring indicator inputs nRI1 and nRI2, and
programmable edges on GPIO pins. The nIO_PME pin can be programmed to be active high or active low via bit 5 in
the GPIO Polarity Register 2 (CR34). The nIO_PME pin function defaults to active low, open-drain output. The output
buffer type of the pin can be programmed to be open-drain or push-pull via bit 7 in the GPIO Output Type Register
(CR39). This pin is powered by VTR. See the Configuration section for description on these registers.
PME functionality is controlled by the PME status and enable registers in the runtime registers block, which is located
at the address programmed in register 0x30 in the Configuration section. The PME Enable bit, PME_EN, globally con-
trols PME Wake-up events. When PME_EN is inactive, the IO_PME# signal can not be asserted. When PME_EN is
asserted, any wake source whose individual PME Wake Enable register bit is asserted can cause IO_PME# to become
asserted.
The PME Status register indicates that an enabled wake source has occurred and if the PME_EN bit is set, asserted
the IO_PME# signal. The PME Status bit is asserted by active transitions of PME wake sources. PME_STS will become
asserted independent of the state of the global PME enable, PME_EN.
The following pertains to the PME status bits for each event:
• The output of the status bit for each event is combined with the corresponding enable bit to set the PME status bit.
• The status bit for any pending events must be cleared in order to clear the PME_STS bit. Status bits are cleared
on a write of ‘1’.
For the GPIO events, the polarity of the edge used to set the status bit and generate a PME is controlled by the GPIO
Polarity Registers in the Configuration section. For non-inverted polarity (default) the status bit is set on the low-to-high
edge. Status bits are cleared on a write of ‘1’.
In the SIO1007 the IO_PME# pin can be programmed to be an open drain, active low, driver. The SIO1007 IO_PME#
pin is fully isolated from other external devices that might pull the IO_PME# signal low; i.e., the IO_PME# signal is capa-
ble of being driven high externally by another active device or pullup even when the SIO1007 VCC is grounded, provid-
ing VTR power is active.
16.1
PME Registers
The PME registers are run-time registers as follows. These registers are located in system I/O space at an offset from
Runtime Registers Block, the address programmed at register 0x30 in the Configuration section.
The following registers are for GPIO PME events:
• PME Wake Status 1 (PME_STS1), PME Wake Enable 1 (PME_EN1)
• PME Wake Status 2 (PME_STS2), PME Wake Enable 2 (PME_EN2)
• PME Wake Status 3 (PME_STS3), PME Wake Enable 3 (PME_EN3)
See PME register description in the Runtime Registers Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com