Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 26 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 26 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology SIO1007 Datasheet HTML 24Page - Microchip Technology SIO1007 Datasheet HTML 25Page - Microchip Technology SIO1007 Datasheet HTML 26Page - Microchip Technology SIO1007 Datasheet HTML 27Page - Microchip Technology SIO1007 Datasheet HTML 28Page - Microchip Technology SIO1007 Datasheet HTML 29Page - Microchip Technology SIO1007 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
SIO1007
DS00002020A-page 26
 2005 - 2015 Microchip Technology Inc.
Bit 4
This bit provides the loopback feature for diagnostic testing of the Serial Port. When bit 4 is set to logic "1", the following
occur:
1.
The TXD is set to the Marking State (logic "1").
2.
he receiver Serial Input (RXD) is disconnected.
3.
The output of the Transmitter Shift Register is "looped back" into the Receiver Shift Register input.
4.
All MODEM Control inputs (nCTS, nDSR, nRI and nDCD) are disconnected.
5.
The four MODEM Control outputs (nDTR, nRTS, OUT1 and OUT2) are internally connected to the four MODEM
Control inputs (nDSR, nCTS, RI, DCD).
6.
The Modem Control output pins are forced inactive high.
7.
Data that is transmitted is immediately received.
This feature allows the processor to verify the transmit and receive data paths of the Serial Port. In the diagnostic mode,
the receiver and the transmitter interrupts are operational. The MODEM Control Interrupts are also operational but the
interrupts' sources are now the lower four bits of the MODEM Control Register instead of the MODEM Control inputs.
The interrupts are still controlled by the Interrupt Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.
9.1.8
LINE STATUS REGISTER (LSR)
Address Offset = 5H, DLAB = X, READ/WRITE
Bit 0
Data Ready (DR). It is set to a logic "1" whenever a complete incoming character has been received and transferred
into the Receiver Buffer Register or the FIFO. Bit 0 is reset to a logic "0" by reading all of the data in the Receive Buffer
Register or the FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in the Receiver Buffer Register was not read before the next character was
transferred into the register, thereby destroying the previous character. In FIFO mode, an overrun error will occur only
when the FIFO is full and the next character has been completely received in the shift register, the character in the shift
register is overwritten but not transferred to the FIFO. The OE indicator is set to a logic "1" immediately upon detection
of an overrun condition, and reset whenever the Line Status Register is read.
Bit 2
Parity Error (PE). Bit 2 indicates that the received data character does not have the correct even or odd parity, as
selected by the even parity select bit. The PE is set to a logic "1" upon detection of a parity error and is reset to a logic
"0" whenever the Line Status Register is read. In the FIFO mode, this error is associated with the particular character in
the FIFO it applies to. This error is indicated when the associated character is at the top of the FIFO.
Bit 3
Framing Error (FE). Bit 3 indicates that the received character did not have a valid stop bit. Bit 3 is set to a logic "1"
whenever the stop bit following the last data bit or parity bit is detected as a zero bit (Spacing level). The FE is reset to
a logic "0" whenever the Line Status Register is read. In the FIFO mode, this error is associated with the particular char-
acter in the FIFO it applies to. This error is indicated when the associated character is at the top of the FIFO. The Serial
Port will try to resynchronize after a framing error. To do this, it assumes that the framing error was due to the next start
bit, so it samples this 'start' bit twice and then takes in the 'data'.
Bit 4
Break Interrupt (BI). Bit 4 is set to a logic "1" whenever the received data input is held in the Spacing state (logic "0")
for longer than a full word transmission time (that is, the total time of the start bit + data bits + parity bits + stop bits).
The BI is reset after the CPU reads the contents of the Line Status Register. In the FIFO mode, this error is associated
with the particular character in the FIFO it applies to. This error is indicated when the associated character is at the top
of the FIFO. When break occurs only one zero character is loaded into the FIFO. Restarting after a break is received,
requires the serial data (RXD) to be logic "1" for at least 1/2 bit time.
Note:
Bits 1 through 4 are the error conditions that produce a Receiver Line Status Interrupt whenever any of the
corresponding conditions are detected and the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com