Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 36 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 36 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology SIO1007 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
SIO1007
DS00002020A-page 36
 2005 - 2015 Microchip Technology Inc.
10.2.3
IRCC2.0 IRTX TRANSMIT PINS
The IRTX2 pin defaults to output, low on VCC POR and PCI Reset. This pin is not powered by VTR. This pin functions
as described below.
Following a VCC POR, the IRTX2 pins will be output and low. They will remain low until one of the following conditions
are met.
IRTX2 Pin (CR0A on page 63 bits [7:6]=01):
• This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2 power down bit
(CR02, bit 7), at which time the pin will reflect the state of the IR transmit output of the IRCC block (if IR is enabled
through the IR Option Register for Serial Port 2).
The IRTX2 pin will be driven low whenever serial port 2 is disabled (UART2 power down bit is cleared).
Note that bits[7,6] of CR0A can be used to override this functionality of driving the IRTX2 pin low when UART2 is pow-
ered down. If these bit are set to '11', then the IRTX2 pin is high-z.
10.2.4
GENERATING IRCC2.0 INTERRUPT EVENTS
The IRCC2.0 block generates one type of interrupt event: a runtime event.
The runtime event (if enabled) may be reported as an SMI event or a Serial IRQ event.
The description of the “INT” that is used to generate a runtime event from the SCE block. The interrupt status and enable
bits in the IRCC2,0 block are defined in the IRCC 2.X Block Data Sheet (Contact Microchip, unpublished). If a runtime
event occurs bit[1] of the SMI_STS2 register at offset 09h of the Runtime register block will be set. If bit[1] of the
SMI_EN2 register is one and if SMI’s are enabled on the IO_SMI# pin an SMI event will be generated.
This runtime event can also be routed to the Serial IRQs. To enable Serial IRQs for the IRCC2.0 runtime events, soft-
ware must select an IRQ channel in the UART Interrupt Selection register. See CR28 on page 74.
FIGURE 10-1:
INFRARED INTERFACE BLOCK DIAGRAM
IrCC Block
RAW
TV
ASK
IrDA
FIR
COM
OUT
MUX
COM
IR
AUX
TX1
RX1
TX2
RX2
TX3
RX3
1
2
IR MODE
FAST
HPMODE
0
1
1
0
G.P. Data
Fast Bit
IRTX2
IRRX2
IR Mode
/IRRX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com