Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 53 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 53 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 53
SIO1007
17.0
RUNTIME REGISTERS
17.1
Runtime Registers Block Summary
The runtime registers are located at the address programmed in the Runtime Register Block Base Address configura-
tion registers (high and low byte) located in CR30 & CR21. The part performs 16-bit address qualification on the Runtime
Register Base Address (bits[15:0] are decoded). The runtime register block may be located within the range 0x0100-
0xFFFF on 16-byte boundaries. Decodes are disabled if the Runtime Register Base Address is located below 0x100.
These registers are powered by VTR.
Note 17-1
Reserved bits return 0 on read.
17.2
Runtime Registers Block Description
TABLE 17-1:
RUNTIME REGISTER BLOCK SUMMARY
Register
Offset
(HEX)
Type
PCI Reset
VCC POR
VTR POR
Register
00
R/W
-
-
0x00
PME_STS
01
R/W
-
-
0x00
PME_EN
02
R/W
-
Note 17-1
0x00
PME_STS1
03
R/W
-
-
0x00
PME_STS2
04
R/W
-
Note 17-1
0x00
PME_STS3
05
R/W
-
-
0x00
PME_EN1
06
R/W
-
-
0x00
PME_EN2
07
R/W
-
-
0x00
PME_EN3
08
R/W
-
Note 17-1
0x00
SMI_STS1
09
R/W
-
-
0x00
SMI_STS2
0A
R/W
-
-
0x00
SMI_EN1
0B
R/W
-
-
0x00
SMI_EN2
0C
R/W
-
Note 17-1
0x00
GP1
0D
R
-
-
0x00
Reserved
0E
R/W
-
Note 17-1
0x00
GP3
0F
R
-
-
0x00
Reserved
TABLE 17-2:
RUNTIME REGISTERS BLOCK DESCRIPTION
Name/Default
Register
Offset
Description
PME_STS
Default = 0x00
on VTR POR
00
(R/W)
Bit[0] PME_Status
= 0
(default)
= 1 Set when SIO1007 would normally assert the IO_PME# signal,
independent of the state of the PME_En bit.
Bit[7:1] Reserved
Note:
PME_Status is not affected by Vcc POR, SOFT RESET or PCI
RESET.
Writing a “1” to PME_Status will clear it and cause the SIO1007 to stop
asserting IO_PME#, in enabled. Writing a “0” to PME_Status has no effect.
PME_EN
Default = 0x00
on VTR POR
01
(R/W)
Bit[0] PME_En
= 0
IO_PME# signal assertion is disabled (default)
= 1
Enables SIO1007 to assert IO_PME# signal
Bit[7:1] Reserved
PME_EN is not affected by Vcc POR, SOFT RESET or PCI RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com