Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 67 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 67 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 67
SIO1007
Note 18-7
The Configuration Ports Base Address is relocatable on even-byte boundaries; i.e., A0 = “0”.
Note 18-8
Writing CR13 changes the Configuration Ports base address.
18.4.20
CR14
Register CR14 is reserved. The default value of this register after power up is 00H.
TABLE 18-15: CR12
Configuration Ports Base Address Byte 0 (Note 18-7)
Type: R/W
Default: 0X2E (SYSOPT0=0)
0X4E (SYSOPT0=1)
ON VCC POR AND PCI RESET
BIT NO.
BIT NAME
DESCRIPTION
0
Reserved
Read Only. A read returns 0.
1
A1
Configuration Ports Base Address Byte 0 for decoder.
2A2
3A3
4A4
5A5
6A6
7A7
TABLE 18-16: CR13
Configuration Ports Base Address Byte 1 (Note 18-8)
Type: R/W
Default: 0X00 (SYSOPT1=0)
0X16 (SYSOPT1=1)
ON VCC POR AND PCI RESET
BIT NO.
BIT NAME
DESCRIPTION
0
A8
Configuration Ports Base Address Byte 1 for decoder.
1A9
2A10
3A11
4A12
5A13
6A14
7A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com