Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 39 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 39 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology SIO1007 Datasheet HTML 40Page - Microchip Technology SIO1007 Datasheet HTML 41Page - Microchip Technology SIO1007 Datasheet HTML 42Page - Microchip Technology SIO1007 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 39
SIO1007
10.4.4
GENERATING CIRCC2 INTERRUPT EVENTS
The CIRCC2 block generates two types of interrupt events: a wake event and a runtime event.
The wake event, if enabled, can be used to generate a PME event to wake the system. The CIRCC2 block can be used
to generate a wake event for an NEC PPM and RC5 event. To generate a wake event, the CIRCC2 block must first be
powered and enabled (see CIRCC2 Operational Power States on page 38). The CIR mode, NEC PPM and RC5, is
configured directly in the SCE registers. The PME event is reported in bit[1] of the PME_STS2 register at offset 03h of
the Runtime Register block. This status event can be used to generate a PME interrupt if bit[2] of the PME_EN2 register
is enabled and PMEs are enabled in the PME_EN register at offset 01h. See Section 17.0, "Runtime Registers," on
page 53.
The runtime event (if enabled) may be reported as an SMI event or a Serial IRQ event. The following diagram shows
the interrupt event (INT) that is used to generate a runtime event. To have a runtime event, the individual status events
must be enabled. In addition to the individual interrupt enables, the Master Interrupt Enable located in the SCE Master
Block Control Register must also be enabled. These interrupt status and enable bits are defined in the Consumer Infra-
red Communications Controller 2 (CIRCC2) specification. If a runtime event occurs bit[3] of the SMI_STS2 register at
offset 09h of the Runtime register block will be set. If bit[3] of the SMI_EN2 register is one and if SMI’s are enabled on
the IO_SMI# pin an SMI event will be generated.
This runtime event can also be routed to the Serial IRQs. To enable Serial IRQs for the CIRCC2 runtime events software
must select an IRQ channel in the CIRCC2 IRQ/DMA Select register. See CR18 on page 68.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com