Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 49 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 49 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 49
SIO1007
14.4
GPIO Operation
The operation of the GPIO ports is illustrated in Figure 14-1.
When a GPIO port is programmed as an input, reading it through the GPIO data register latches either the inverted or
non-inverted logic value present at the GPIO pin. Writing to a GPIO port that is programmed as an input has no effect
(Table 14-4).
When a GPIO port is programmed as an output, the logic value or the inverted logic value that has been written into the
GPIO data register is output to the GPIO pin. Reading from a GPIO port that is programmed as an output returns the
last value written to the data register (Table 14-4).
The SIO1007 provides 16 GPIOs that can directly generate a PME. See the table in the next section. The GPIO Polarity
Registers in the Configuration section select the edge on these GPIO pins that will set the associated status bit in the
PME_STS1 – PME_STS3 registers. The default is the low-to-high edge. If the corresponding enable bit in the PME_EN1
– PME_EN3 registers and the PME_EN bit in the PME_EN register is set, a PME will be generated. These registers are
located in the Runtime Registers Block, which is located at the address contained in the configuration registers CR30.
The PME status bits for the GPIOs are cleared on a write of ‘1’. In addition, the SIO1007 provides 10 GPIOs that can
directly generate an SMI. See the table in the next section.
FIGURE 14-1:
GPIO FUNCTION ILLUSTRATION
Note:
Figure 14-1 is for illustration purposes only and in not intended to suggest specific implementation details.
TABLE 14-4:
GPIO READ/WRITE BEHAVIOR
Host Operation
GPIO Input Port
GPIO Output Port
READ
LATCHED VALUE OF GPIO PIN
LAST WRITE TO GPIO DATA
REGISTER
WRITE
NO EFFECT
BIT PLACED IN GPIO DATA
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com