Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 64 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 64 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
SIO1007
DS00002020A-page 64
 2005 - 2015 Microchip Technology Inc.
Note 18-6
The CIRTX pin will tristate when this combination is selected. Outputs Inactive: CIRTX is High-Z,
regardless of mode of CIRCC2 and state of CIRCC2 Power Control bit.
18.4.12
CR0B
Register CR0B is reserved. The default value of this register after power up is 00H.
18.4.13
CR0C
CR0C can only be accessed in the configuration state and after the CSR has been initialized to 0CH. CR0C controls
the operating mode of the UART. This register is reset to the default state by a POR or a hardware reset.
6,7
IRCC2 Output Mux
These bits are used to select IRCC2 Output Mux Mode.
BIT7
BIT6
MUX MODE
0
0
Active device to COM port (Default).
This port in not connected. When Serial
Port 2 is inactive (Power Control bit = 0),
then the IRTX2 pin is low.
0
1
Active device to IR port. is the IRRX2,
IRTX2 are selected. When Serial Port 2
is inactive (Power Down bit = 0), then
IRTX2 pin is low.
1
0
Reserved.
1
1
Outputs Inactive: IRTX2 is High-Z,
regardless of mode of UART2 and state
of UART2 Power Control bit.
TABLE 18-11: CR0C
UART Mode
Type: R/W
Default: 0X02 ON VCC POR AND PCI RESET
BIT NO.
BIT NAME
DESCRIPTION
0
UART 2 RCV
Polarity
0 = RX input active high (default).
1 = RX input active low.
1
UART 2 XMIT
Polarity
0 = TX output active high.
1 = TX output active low (default).
2
UART 2 Duplex
This bit is used to define the FULL/HALF DUPLEX operation of UART 2.
1 = Half duplex
0 = Full duplex (default)
3, 4, 5
UART 2 MODE
UART 2 Mode
5 4 3
0 0 0 Standard COM Functionality (default)
0 0 1 IrDA (HPSIR)
0 1 0 Amplitude Shift Keyed IR
0 1 1 Reserved
1 x x Reserved
6
UART 1 Speed
This bit enables the high speed mode of UART 1.
1 = High speed enabled
0 = Standard (default)
7
UART 2 Speed
This bit enables the high speed mode of UART 2.
1 = High speed enabled
0 = Standard (default)
TABLE 18-10: CR0A (CONTINUED)
IR MUX
Type: R/W
Default: 0x00 on VTR POR;
00xx0000b VCC POR;
Bits[7:6] = 00 on PCI RESET
BIT NO.
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com