Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 61 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 61 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 61
SIO1007
18.4.2
CR01
CR01 can only be accessed in the configuration state and after the CSR has been initialized to 01H.
18.4.3
CR02
CR02 can only be accessed in the configuration state and after the CSR has been initialized to 02H.
Note 18-4
Power Control bits disable the respective logical device and associated pins, however the power
control bit does not disable the selected address range for the logical device. To disable the host
address registers software must clear the activate bits in CR3A, the Logical Device Activate Register.
Devices that are powered down and still activated will participate in Plug-and-Play range checking.
18.4.4
CR03
Register CR03 is reserved. The default value of this register after power up is 00H.
TABLE 18-5:
CR01
CR Lock
Type: R/W
Default: 0X80 ON VCC POR;
BIT[7] = 1 ON PCI RESET
BIT NO.
BIT NAME
DESCRIPTION
6:0
Reserved
Read Only. A read returns “0”.
7
Lock CRx
A high level on this bit enables the reading and writing of CR00 –CR39
(Default). A low level on this bit disables the reading and writing of CR00
– CR39.
Note:
Once the Lock CRx bit is set to “0”, this bit can only be set to “1”
by a PCI reset or power-up reset.
TABLE 18-6:
CR02
UART and IR Power
Type: R/W
Default: 0x20 on VTR POR;
0xx00000VCC POR;
Bit[7] = 0 on PCI Reset
BIT NO.
BIT NAME
DESCRIPTION
0-2
Reserved
Read Only. A read returns “0”.
3
UART1 Power
Control
Note 18-4
0= Primary Serial Port are in Power Down Mode. (default)
1= Enables normal operation of the Primary Serial Port
4
Reserved
Read Only. A read returns “0”.
5
CIRCC2 PLL Power
Down
CIRCC PLL Power (Note: This bit is reset on VTR POR only)
= 0 The 32.768kHz clock PLL is running and can replace the 14.318MHz
clock source for the CIRCC2 Wake Event. PLL selected by internal
PWRGOOD signal.
= 1 The 32.768kHz clock PLL is unpowered (default)
6
CIRCC2 Power
Control
Note 18-4
0= SCE/FIR block is in Power Down Mode. (default)
1= Enables normal operation of the SCE/CIR block
Note:
This bit is reset on VTR POR only.
7
UART2 Power
Control
Note 18-4
0= Secondary Serial Port including the SCE/FIR block are in Power Down
Mode. (default on VCC POR and PCI Reset)
1=Enables normal operation of the Secondary Serial Port, including the
SCE/FIR block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com