Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 72 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 72 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology SIO1007 Datasheet HTML 73Page - Microchip Technology SIO1007 Datasheet HTML 74Page - Microchip Technology SIO1007 Datasheet HTML 75Page - Microchip Technology SIO1007 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
SIO1007
DS00002020A-page 72
 2005 - 2015 Microchip Technology Inc.
When the activate bit in CR3A-bit2 is cleared to 0, no address decoding takes place for the CIRCC2 logical device.
To disable CIRCC2 Port, set Bit[2] of the Activate register located at CR3A.
18.4.31
CR20
CR20 can only be accessed in the configuration state and after the CSR has been initialized to 20h. CR20 is used to
select the high byte of the base address ADR[15:10] bits of CIrCC2 Logical Device.
The CIRCC2 logical device base address is initialized using the base address bits located in two configuration registers:
CR1F-low byte and CR20-high byte. The CIRCC2 base address can be set to 8,192 locations on 8-byte boundaries
from 0000H - FFF8H.
The CIRCC2 base address bits A[2:0] are decoded as 000b. The CIRCC2 block uses full 16-bit addressing decoding.
An address matching the CIRCC2 base address bits A[15:3] is decoded using the specific address bits A[2:0] to target
registers in CIRCC2.
When the activate bit in CR3A-bit2 is cleared to 0, no address decoding takes place for the CIRCC2 logical device.
To disable CIRCC2 Port, set Bit[2] of the Activate register located at CR3A.
18.4.32
CR21
CR21 can only be accessed in the configuration state and after the CSR has been initialized to 21H. CR21 is used to
select the high byte of the base address ADR[15:12] bits of Runtime Register Logical Device.
Runtime Register Address Decoding: address bits A[11:4] are programmable in CR30. The Runtime register base
address bits A[3:0] are decoded as 0000b. An address matching the Runtime register base address bits A[15:4]
decodes the specific address bits A[3:0] for the registers in Section 17.0, "Runtime Registers," on page 53.
TABLE 18-26: CR1F
CIRCC2 Base Address Register (Low Byte)
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
Reserved
Read Only. A read returns 0.
1
ADR3
CIRCC2 Port Base Address bits[9:3] for decoder.
2
ADR4
3
ADR5
4
ADR6
5
ADR7
6
ADR8
7
ADR9
TABLE 18-27: CR20
CIRCC2 Base Address Register (High Byte)
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
ADR10
CIRCC2 Port Base Address bits[15:10] for decoder.
1
ADR11
2
ADR12
3
ADR13
4
ADR14
5
ADR15
6
Reserved
Read Only. A read returns 0.
7
Reserved
Read Only. A read returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com