Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 19 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 19
SIO1007
APPLICATION NOTE: The system design must include weak pullup resistors in the docking station (~100KOhm)
on the DLAD[3:0] and DLFRAME# signals to maintain an inactive docking LPC interface.
8.2
PortSwitch Docking Controls
The SIO1007 provides three programmable bits which independently control the switching of the 14.318MHz clock and
the dedicated docking PCICLK and the remainder of the LPC interface. The switching is provided in the Docking LPC
Switch Register described in Section 8.3.1.
8.3
Registers
8.3.1
LOGICAL DEVICE FOR LPC DOCKING.
The LPC Docking Base Address Registers (CR3B and CR3C) are used to select the base address of LPC Docking run-
time register space. Valid addresses for LPC Docking runtime register space can be set to locations on single-byte
boundaries from 100H - FFFH. To disable LPC Docking runtime register decoding, set the Docking Activate Register
(CR3A)-bit 3 to ‘0’. When writing the LPC Docking Base Address registers (CR3B and CR3A) the set LPC Docking Acti-
vate Register (CR3A) -bit 3 must be set to ‘0’.
For detailed description of the LPC Docking Activate Register (CR3A) and the LPC Docking Base Address Registers
(CR3B and CR3C.) See Section 18.0 for details description of Configuration Registers.
8.3.2
DOCKING LPC SWITCH REGISTER
The Docking LPC Switch Register controls the connection and disconnection of the Docking LPC Interface.
DLPC_SWITCH – D0
When DLPC SWITCH is asserted ‘1’, the bi-directional Docking LPC switches will be switched on and the DLPC pin
connections will be connected to the LPC bus. When DLPC SWITCH is deasserted ‘0’, the DLPC pin connections will
be disconnected from the LPC bus.
TABLE 8-1:
LPC DOCKING INTERFACE
Host Side Interface
Dock Side Interface
Switch Control Bit
LAD[3:0]
DLAD[3:0]
DLPC_SWITCH
LFRAME#
DLFRAME#
DLPC_SWITCH
LDRQ1#
DLDRQ1#
DLPC_SWITCH
NCLKRUN
NDCLKRUN
DLPC_SWITCH
SER_IRQ
SER_IRQ
DLPC_SWITCH
LPC_CLK_33
DLPC_CLK_33
DCLK_33
SIO_14M
DSIO_14M
DCLK_14
TABLE 8-2:
DOCKING LPC SWITCH REGISTER
Address
DLPC Runtime Registers Base
Address + 0
Power
VCC
DEFAULT
00h
D7
D6
D5
D4
D3
D2
D1
D0
TYPE
R
R
RRR
RR
R/W
BIT Name
RESERVED
DCLK_1
4
DCLK_3
3
DLPCSWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com