Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 63 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 63 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 63
SIO1007
18.4.10
CR09
CR09 can only be accessed in the configuration state and after the CSR has been initialized to 09H. CR09 is a test
control register and all bits must be treated as Reserved.
18.4.11
CR0A
CR0A can only be accessed in the configuration state and after the CSR has been initialized to 0AH. CR0A Bits [5:4]
are CIRCC2 OUTPUT MUX bits and are reset to the default state by a VTR POR. CR0A Bits [7:6] control the IRCC2
OUTPUT MUX and are reset to the default state by a VTR POR, VCC POR and PCI Reset.
Note:
All test modes are reserved for Microchip use. Activating test mode registers may produce undesired
results.
TABLE 18-9:
CR09
Test 4
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
Test 24
RESERVED FOR MICROCHIP USE
1
Test 25
2
Test 26
3
Test 27
4
Test 28
5
Test 29
6
Test 30
7
Test 31
TABLE 18-10: CR0A
IR MUX
Type: R/W
Default: 0x00 on VTR POR;
00xx0000b VCC POR;
Bits[7:6] = 00 on PCI RESET
BIT NO.
BIT NAME
DESCRIPTION
3:0
Reserved
Read Only. A read returns 0.
4,5
CIRCC2 Output
Mux
These bits are used to select CIRCC Output Mux Mode.
BIT5
BIT4
MUX MODE
0
0
Default tristate (Note 18-6)
0
1
Active device to CIRCC2 port. That is,
use CIRRX, CIRTX (pins 23, 24). When
CIRCC2 is inactive (Power Down bit =
0), then CIRTX pin is low.
10
Reserved.(Note 18-6)
11
Reserved.(Note 18-6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com