Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 17 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 17
SIO1007
SYNC Timeout
The SYNC value is driven within 3 clocks. If the host observes 3 consecutive clocks without a valid SYNC pattern, it will
abort the cycle.
The SIO1007 does not assume any particular timeout. When the host is driving SYNC, it may have to insert a very large
number of wait states, depending on PCI latencies and retries.
SYNC Patterns and Maximum Number of SYNCS
If the SYNC pattern is 0101, then the host assumes that the maximum number of SYNCs is 8.
If the SYNC pattern is 0110, then no maximum number of SYNCs is assumed. The SIO1007 has protection mechanisms
to complete the cycle.
SYNC Error Indication
The SIO1007 reports errors via the LAD[3:0] = 1010 SYNC encoding.
If the host was reading data from the SIO1007, data will still be transferred in the next two nibbles. This data may be
invalid, but it will be transferred by the SIO1007. If the host was writing data to the SIO1007, the data had already been
transferred.
In the case of multiple byte cycles, such as DMA cycles, an error SYNC terminates the cycle. Therefore, if the host is
transferring 4 bytes from a device, if the device returns the error SYNC in the first byte, the other three bytes will not be
transferred.
I/O and DMA START Fields
I/O and DMA cycles use a START field of 0000.
Reset Policy
The following rules govern the reset policy:
1.
When PCI_RESET# goes inactive (high), the clock is assumed to have been running for 100usec prior to the
removal of the reset signal, so that everything is stable. This is the same reset active time after clock is stable
that is used for the PCI bus.
2.
When PCI_RESET# goes active (low):
a)
the host drives the LFRAME# signal high, tristates the LAD[3:0] signals, and ignores the LDRQ# signal.
b)
the SIO1007 ignores LFRAME#, tristate the LAD[3:0] pins and drive the LDRQ# signal inactive (high).
7.1.2
LPC TRANSFERS
Wait State Requirements
I/O Transfers
The SIO1007 inserts three wait states for an I/O read and two wait states for an I/O write cycle. A SYNC of 0110 is used
for all I/O transfers. The exception to this is for transfers where IOCHRDY would be deasserted in an ISA transfer (i.e.,
IrCC transfers) in which case the sync pattern of 0110 is used and a large number of syncs may be inserted (up to 330
which corresponds to a timeout of 10us).
DMA Transfers
The SIO1007 inserts three wait states for a DMA read and four wait states for a DMA write cycle. A SYNC of 0101 is
used for all DMA transfers.
See the example timing for the LPC cycles in the Timing Diagrams section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com