Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 1 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 1 Page - Microchip Technology

  SIO1007 Datasheet HTML 1Page - Microchip Technology SIO1007 Datasheet HTML 2Page - Microchip Technology SIO1007 Datasheet HTML 3Page - Microchip Technology SIO1007 Datasheet HTML 4Page - Microchip Technology SIO1007 Datasheet HTML 5Page - Microchip Technology SIO1007 Datasheet HTML 6Page - Microchip Technology SIO1007 Datasheet HTML 7Page - Microchip Technology SIO1007 Datasheet HTML 8Page - Microchip Technology SIO1007 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 1
Product Features
• 3.3 Volt Operation (5V tolerant)
• Programmable Wakeup Event Interface
(IO_PME# Pin)
• SMI Support (IO_SMI# Pin)
• GPIOs (16)
• Programmable internal pull-up resistors
• Two IRQ Input Pins
• XNOR Chain
• PC99a and ACPI 1.0 Compliant
• 64-Pin STQFP RoHS Compliant Package
• Intelligent Auto Power Management
• One Full Function Serial Port
- High Speed 16C550A Compatible UARTs
with Send/Receive 16-Byte FIFOs
- Supports 230k and 460k Baud
- Programmable Baud Rate Generator
- Modem Control Circuitry
• Infrared Communications Controller
- Three IR Ports
- Multi-Protocol Serial Communications Con-
trollers
- Two IrDA v1.2 (4Mbps), HPSIR, ASKIR, Con-
sumer IR Support
- One Consumer IR Port with support for NEC
PPM and RC5 with PME Wake-up Option
- Multiple Base I/O Address options, 15 IRQ
Options and 3 DMA Options
• LPC Bus Host Interface
- Supports LPC Bus frequencies of 19.2MHz to
33MHz
- Multiplexed Command, Address and Data
Bus
- 8-Bit I/O Transfers
- 8-Bit DMA Transfers
- 16-Bit Address Qualification
- Serial IRQ Interface Compatible with Serial-
ized IRQ Support for PCI Systems
- PCI nCLKRUN Support
- Power Management Event (IO_PME#) Inter-
face Pin
• LPC PortSwitch Interface
- Secondary Switchable LPC Interface (3.3V
only)
- Trusted cycles blocked
- Buffered 14 MHz output
- Switched PCI Clock output
Description
The Microchip SIO1007 is a 3.3V PC 99 and ACPI 1.0
compliant Super I/O Controller. The SIO1007 imple-
ments the LPC interface with the
LPC PortSwitch
Interface. The LPC PortSwitch Interface is a hot-
switchable external Docking LPC interface with
trusted cycle block. The SIO1007 also features a full
16-bit internally decoded address bus, a Serial IRQ
interface with PCI nCLKRUN support, relocatable con-
figuration ports and three DMA channel options. The
part also includes 16 GPIO pins.
The SIO1007 incorporates one 8-pin 16C550A com-
patible UART. In addition, the SIO1007 provides a sec-
ond UART to support a Serial Infrared Interface that
complies with IrDA v1.2 (Fast IR), HPSIR, and ASKIR
formats, as well as Consumer IR. There is a second IR
port, which supports NEC PPM and RC5, as well as
Consumer IR protocols.
The SIO1007 incorporates sophisticated power control
circuitry (PCC). The PCC supports multiple low power
down modes. The SIO1007 also features Software
Configurable Logic (SCL) for ease of use. SCL allows
programmable system configuration of key functions
such as the UARTs.
The SIO1007 supports the ISA Plug-and-Play Standard
register set (Version 1.0a) and provides the recom-
mended functionality to support Windows ‘9x, 2K, ME,
XP and PC99. The I/O Address, DMA Channel and
Hardware IRQ of each device in the SIO1007 may be
reprogrammed through the internal configuration regis-
ters. There are 192 I/O address location options, a
Serialized IRQ interface, and three DMA channels.
SIO1007
LPC Super I/O LPC IrDA Hot Docking Chip with UART


Similar Part No. - SIO1007

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
More results

Similar Description - SIO1007

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D Datasheet
1Mb / 138P
LPC SUPER I/O
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
LPC I/O
logo
SMSC Corporation
LPC47N207 SMSC-LPC47N207 Datasheet
186Kb / 4P
LPC Super I/O IrDA Hot Docking Chip with UART
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
LPC I/O
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
LPC I/O
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
Super Hardware Monitor LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
LPC I/O
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
LPC I/O
NCT6102D NUVOTON-NCT6102D Datasheet
12Mb / 455P
LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com