Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 32 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 32 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 28Page - Microchip Technology SIO1007 Datasheet HTML 29Page - Microchip Technology SIO1007 Datasheet HTML 30Page - Microchip Technology SIO1007 Datasheet HTML 31Page - Microchip Technology SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
SIO1007
DS00002020A-page 32
 2005 - 2015 Microchip Technology Inc.
UART Register Summary Notes:
Note 9-4
DLAB is Bit 7 of the Line Control Register (ADDR = 3).
Note 9-5
Bit 0 is the least significant bit. It is the first bit serially transmitted or received.
Note 9-6
When operating in the XT mode, this bit will be set any time that the transmitter shift register is empty.
Note 9-7
This bit no longer has a pin associated with it.
Note 9-8
When operating in the XT mode, this register is not available.
Note 9-9
These bits are always zero in the non-FIFO mode.
Note 9-10
Writing a one to this bit has no effect. DMA modes are not supported in this chip.
Note 9-11
The UART1 and UART2 FCR’s are shadowed in the UART1 FIFO Control Shadow Register (CR15)
and UART2 FIFO Control Shadow Register (CR16).
9.6
Notes on Serial Port Operation
9.6.1
FIFO MODE OPERATION
GENERAL
The RCVR FIFO will hold up to 16 bytes regardless of which trigger level is selected.
9.6.2
TX AND RX FIFO OPERATION
The Tx portion of the UART transmits data through TXD as soon as the CPU loads a byte into the Tx FIFO. The UART
will prevent loads to the Tx FIFO if it currently holds 16 characters. Loading to the Tx FIFO will again be enabled as
soon as the next character is transferred to the Tx shift register. These capabilities account for the largely autonomous
operation of the Tx.
The UART starts the above operations typically with a Tx interrupt. The chip issues a Tx interrupt whenever the Tx FIFO
is empty and the Tx interrupt is enabled, except in the following instance. Assume that the Tx FIFO is empty and the
CPU starts to load it. When the first byte enters the FIFO the Tx FIFO empty interrupt will transition from active to inac-
tive. Depending on the execution speed of the service routine software, the UART may be able to transfer this byte from
the FIFO to the shift register before the CPU loads another byte. If this happens, the Tx FIFO will be empty again and
typically the UART's interrupt line would transition to the active state. This could cause a system with an interrupt control
unit to record a Tx FIFO empty condition, even though the CPU is currently servicing that interrupt. Therefore, after the
first byte has been loaded into the FIFO, the UART will wait one serial character transmission time before issuing a new
Tx FIFO empty interrupt. This one character Tx interrupt delay will remain active until at least two bytes have been
loaded into the FIFO, concurrently. When the Tx FIFO empties after this condition, the Tx interrupt will be activated with-
out a one character delay.
Rx support functions and operation are quite different from those described for the transmitter. The Rx FIFO receives
data until the number of bytes in the FIFO equals the selected interrupt trigger level. At that time if Rx interrupts are
enabled, the UART will issue an interrupt to the CPU. The Rx FIFO will continue to store bytes until it holds 16 of them.
It will not accept any more data when it is full. Any more data entering the Rx shift register will set the Overrun Error flag.
Normally, the FIFO depth and the programmable trigger levels will give the CPU ample time to empty the Rx FIFO before
an overrun occurs.
One side-effect of having a Rx FIFO is that the selected interrupt trigger level may be above the data level in the FIFO.
This could occur when data at the end of the block contains fewer bytes than the trigger level. No interrupt would be
issued to the CPU and the data would remain in the UART. To prevent the software from having to check for this situation
the chip incorporates a timeout interrupt.
The timeout interrupt is activated when there is a least one byte in the Rx FIFO, and neither the CPU nor the Rx shift
register has accessed the Rx FIFO within 4 character times of the last byte. The timeout interrupt is cleared or reset
when the CPU reads the Rx FIFO or another character enters it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com