Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 22 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 22 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology SIO1007 Datasheet HTML 24Page - Microchip Technology SIO1007 Datasheet HTML 25Page - Microchip Technology SIO1007 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
SIO1007
DS00002020A-page 22
 2005 - 2015 Microchip Technology Inc.
9.1.3
INTERRUPT ENABLE REGISTER (IER)
Address Offset = 1H, DLAB = 0, READ/WRITE
The lower four bits of this register control the enables of the five interrupt sources of the Serial Port interrupt. It is possible
to totally disable the interrupt system by resetting bits 0 through 3 of this register. Similarly, setting the appropriate bits
of this register to a high, selected interrupts can be enabled. Disabling the interrupt system inhibits the Interrupt Identi-
fication Register and disables any Serial Port interrupt out of the SIO1007. All other system functions operate in their
normal manner, including the Line Status and MODEM Status Registers. The contents of the Interrupt Enable Register
are described below.
Bit 0
This bit enables the Received Data Available Interrupt (and timeout interrupts in the FIFO mode) when set to logic "1".
Bit 1
This bit enables the Transmitter Holding Register Empty Interrupt when set to logic "1".
Bit 2
This bit enables the Received Line Status Interrupt when set to logic "1". The error sources causing the interrupt are
Overrun, Parity, Framing and Break. The Line Status Register must be read to determine the source.
Bit 3
This bit enables the MODEM Status Interrupt when set to logic "1". This is caused when one of the Modem Status Reg-
ister bits changes state.
Bits 4 through 7
These bits are always logic "0".
9.1.4
FIFO CONTROL REGISTER (FCR)
Address Offset = 2H, DLAB = X, WRITE
This is a write only register at the same location as the IIR. This register is used to enable and clear the FIFOs, set the
RCVR FIFO trigger level.
Bit 0
Setting this bit to a logic "1" enables both the XMIT and RCVR FIFOs. Clearing this bit to a logic "0" disables both the
XMIT and RCVR FIFOs and clears all bytes from both FIFOs. When changing from FIFO Mode to non-FIFO (16450)
mode, data is automatically cleared from the FIFOs. This bit must be a 1 when other bits in this register are written to
or they will not be properly programmed.
Bit 1
Setting this bit to a logic "1" clears all bytes in the RCVR FIFO and resets its counter logic to 0. The shift register is not
cleared. This bit is self-clearing.
Bit 2
Setting this bit to a logic "1" clears all bytes in the XMIT FIFO and resets its counter logic to 0. The shift register is not
cleared. This bit is self-clearing.
Bit 3
Writing to this bit has no effect on the operation of the UART. DMA modes are not supported in this chip.
Bit 4,5
Reserved
Bit 6,7
These bits are used to set the trigger level for the RCVR FIFO interrupt.
Note:
DMA is not supported. The UART1 and UART2 FCR’s are shadowed in the UART1 FIFO Control Shadow
Register (CR15) and UART2 FIFO Control Shadow Register (CR16). See the Configuration section for
description on these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com