Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 56 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 56 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
SIO1007
DS00002020A-page 56
 2005 - 2015 Microchip Technology Inc.
Note 17-2
Although the bits in this runtime register default at VTR POR to ‘0’, the value read is affected by the
GPIO pin state. Each GPIO pin’s state at VCC POR is controlled by the pin’s programmed
configuration and the external interface (e.g. input driven low by external device.) Each GPIO pin has
programmable configuration bits in CR31-CR39 which control direction, output types, polarity, and
internal pull-ups. For example, the GPIO internal pull-ups are controlled by CR37 and CR38 and
default at VTR POR to pull-up enabled (logic ‘1’). If not reprogrammed any open input will have logic
‘1’ at VCC POR. This will affect this runtime register.
SMI_EN1
Default = 0x00
on VTR POR
0A
(R/W)
SMI Enable Register 1
This register is used to enable the different interrupt sources onto the internal
group nSMI signal.
1=Enable
0=Disable
Bit[0] GP10
Bit[1] GP11
Bit[2] GP12
Bit[3] GP13
Bit[4] GP14
Bit[5] GP15
Bit[6] GP16
Bit[7] GP17
SMI_EN2
Default = 0x00
on VTR POR
0B
(R/W)
SMI Enable Register 2
This register is used to enable the different interrupt sources onto the internal
group nSMI signal, and the internal group nSMI signal onto the nIO_SMI
GPI/O pin or the serial IRQ stream on IRQ2.
1=Enable
0=Disable
Bit[0] Reserved
Bit[1] EN_U2INT
Bit[2] EN_U1INT
Bit[3] EN_CIRCC2
Bit[5:4] Reserved
Bit[6] EN_SMI_S (Enable group nSMI signal onto serial IRQ2)
Bit[7] EN_SMI (Enable group nSMI signal onto IO_SMI# pin)
GP1
Default = 0x00
on VTR POR
See Note 17-2
0C
R/W
General Purpose I/O Data Register 1
Bit[0]GP10
Bit[1]GP11
Bit[2]GP12
Bit[3]GP13
Bit[4]GP14
Bit[5]GP15
Bit[6]GP16
Bit[7]GP17
GP2
Default = 0x00
on VTR POR
0D
R
Bit[7:0]Reserved
GP3
Default = 0x00
on VTR POR
See Note 17-2
0E
R/W
General Purpose I/O Data Register 3
Bit[0]GP30
Bit[1]GP31
Bit[2]GP32
Bit[3]GP33
Bit[4]GP34
Bit[5]GP35
Bit[6]GP36
Bit[7]GP37
GP4
Default = 0x00
on VTR POR
0F
R
Bit[7:0]Reserved
Note:
Reserved bits return 0 on read.
TABLE 17-2:
RUNTIME REGISTERS BLOCK DESCRIPTION (CONTINUED)
Name/Default
Register
Offset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com