Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 15 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 15 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 15
SIO1007
7.0
LPC INTERFACE
The following sub-sections specify the implementation of the LPC bus.
7.1
LPC Interface Signal Definition
The signals required for the LPC bus interface are described in the table below. LPC bus signals use PCI 33MHz elec-
trical signal characteristics.
LPC Cycles
The following cycle types are supported by the LPC protocol.
The SIO1007 ignores cycles that it does not support.
Field Definitions
The data transfers are based on specific fields that are used in various combinations, depending on the cycle type.
These fields are driven onto the LAD[3:0] signal lines to communicate address, control and data information over the
LPC bus between the host and the SIO1007. See the Low Pin Count (LPC) Interface Specification Revision 1.0 from
Intel, Section 4.2 for definition of these fields.
LFRAME# Usage
LFRAME# is used by the host to indicate the start of cycles and the termination of cycles due to an abort or time-out
condition. This signal is to be used by the SIO1007 to know when to monitor the bus for a cycle.
This signal is used as a general notification that the LAD[3:0] lines contain information relative to the start or stop of a
cycle, and that the SIO1007 monitors the bus to determine whether the cycle is intended for it. The use of LFRAME#
allows the SIO1007 to enter a lower power state internally. There is no need for the SIO1007 to monitor the bus when
it is inactive, so it can decouple its state machines from the bus, and internally gate its clocks.
When the SIO1007 samples LFRAME# active, it immediately stops driving the LAD[3:0] signal lines on the next clock
and monitor the bus for new cycle information.
The LFRAME# signal functions as described in the Low Pin Count (LPC) Interface Specification Revision 1.0.
I/O Read and Write Cycles
The SIO1007 is the target for I/O cycles. I/O cycles are initiated by the host for register or FIFO accesses, and will gen-
erally have minimal Sync times. The minimum number of wait-states between bytes is 1.
Data transfers are assumed to be exactly 1-byte. If the CPU requested a 16 or 32-bit transfer, the host will break it up
into 8-bit transfers.
Signal Name
Type
Description
LAD[3:0]
I/O
LPC address/data bus. Multiplexed command, address and data bus.
LFRAME#
Input
Frame signal. Indicates start of new cycle and termination of broken cycle
PCI_RESET#
Input
PCI Reset. Used as LPC Interface Reset.
LDRQ#
Output
Encoded DMA/Bus Master request for the LPC interface.
IO_PME#
OD
Power Mgt Event signal. Allows the SIO1007 to request wakeup.
LPCPD#
Input
Powerdown Signal. Indicates that the SIO1007 should prepare for power to be shut on
the LPC interface.
SER_IRQ
I/O
Serial IRQ.
PCI_CLK
Input
PCI Clock.
CLKRUN#
I/OD
Clock Run. Allows the SIO1007 to request the stopped PCI_CLK be started.
Cycle Type
Transfer Size
I/O Write
1 Byte
I/O Read
1 Byte
DMA Write
1 Byte
DMA Read
1 Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com