Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 38 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 38 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology SIO1007 Datasheet HTML 40Page - Microchip Technology SIO1007 Datasheet HTML 41Page - Microchip Technology SIO1007 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
SIO1007
DS00002020A-page 38
 2005 - 2015 Microchip Technology Inc.
10.4.2
CIRCC2 OPERATIONAL POWER STATES
The CIRCC2 block is powered by VTR. This block is fully operational under VCC and supports NEC PPM and RC5 wake
events under VTR only (VCC=0V).
When VCC is on, the CIRCC2 clock source is derived from the 14.318MHz clock input. When VCC is off, the CIRCC2
clock source may be derived from the internal PLL to provide clock support for the CIR wake features. The CIR wake
features are only operational if the CLOCKI32 pin is connected to a 32kHz suspend clock, the alternate function on the
GP13/IRQIN1/CLKI32 pin is configured for CLOCKI32, and the CLOCKI32 PLL is powered.
The CLOCKI32 signal is the alternate function on the GP13/IRQIN1/CLKI32 pin. The functions for this pin are selected
by the CR34 on page 80.
The CLOCKI32 PLL is enabled when VCC transitions to the OFF state if the PLL is Powered. The PLL defaults to the
off state to conserve power. To enable the PLL to operate when the device is in a sleep state (VTR Only) the CIRCC2
PLL can be enabled via the CIRCC2 PLL Power bit located in bit[5] of CR02. See CR02 on page 61.
10.4.3
CONFIGURING THE CIRCC2 BLOCK
The CIRCC2 block defaults to the powered down state. To enable the CIRCC2 block to be operational the CIRCC2 log-
ical Device Base address must initialized via CR1F and CR20, the activate bit in CR3A-bit2 set to one and the CIRCC2
Power Down bit in CR02 must be set to one.
The configuration and control registers for the CIRCC2 block are located in the SCE registers defined in the Consumer
Infrared Communications Controller 2 (CIRCC2) specification. Some of these registers are shadowed in the SIO1007
Configuration Registers. The following table summarizes all the registers that are shadowed in the configuration register
space for the CIRCC2 block. The table lists the Configuration register location, the corresponding SCE register location,
the read/write ability in both locations and the POR conditions for each corresponding location.
Note 10-2
The CIRCC2 Half Duplex Timeout register (shaded in the table below) is reset on a VCC POR in
Config space, which overrides the SCE condition to reset on VTR POR only
Note 10-3
The CIRCC2 SCE registers are implemented as blocks of registers that are directly addressable at
the programmed CIRCC2 Base I/O Address plus an offset.
TABLE 10-3:
SUMMARY OF POR AND READ/WRITE CONDITIONS FOR CIRCC2 SHADOWED
REGISTERS/BITS
CR#
Configuration Register/Bits
SCE/ACE Registers/Bits
Read/Write
POR Condition
for Specific Bits
CR
SCE
CR
SCE
CR0A
ECP FIFO Threshold/IR MUX
• Bits[5:4] CIRCC2 Output
Mux
SCE: Register Block 1,
Address 1,
• Bits[D7:D6] Output Mux
for CIRCC2 Block
R/W
R/W
VTR
Only
VTR
Only
CR0B
CIRCC2 Mode Register
• Bits[5:0]
SCE: Register Block 1,
Address 0,
• Bits[5:0] are shadowed in
Register Block 1, Address
0, bits[D5:D0]
R/W
R/W
VTR
Only
VTR
Only
CR18
CIRCC2 IRQ/DMA Select
Register
• Bits[7:4] CIRCC2 IRQ Select
• Bits[3:0] CIRCC2 DMA
Select
SCE: Register Block 3,
Address 4,
• Bits[7:4] CIRCC2 IRQ
Select
• Bits[3:0] CIRCC2 DMA
Select
R/W
Read-
Only
VCC
-
CR19
CIRCC2 Software Select A
SCE: Register Block 3,
Address 5
R/W
Read-
Only
VCC
-
CR1A
CIRCC2 Software Select B
SCE: Register Block 3,
Address 6
R/W
Read-
Only
VCC
-
CR1B
CIRCC2 Half Duplex Timeout
(Note 10-2)
SCE: Register Block 5,
Address 1
Yes
Yes
VCC
VTR
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com