Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 48 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 48 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
SIO1007
DS00002020A-page 48
 2005 - 2015 Microchip Technology Inc.
Note 14-2
The GPIO Data Registers are located at the offset shown from the RUNTIME REGISTERS BLOCK
address.
14.3
GPIO Control
Each GPIO port has an 8-bit control register that controls the behavior of the pin. These registers are defined in the
Configuration section of this specification.
Each GPIO port may be configured as either an input or an output. If the pin is configured as an output, it can be pro-
grammed as open-drain or push-pull. Inputs and outputs can be configured as non-inverting or inverting. GPIO Direction
Registers determine the port direction, GPIO Polarity Registers determine the signal polarity, and GPIO Output Type
Register determines the output driver type select. The GPIO Output Type Register applies all GPIOs. The GPIO Direc-
tion, Polarity and Output Type Registers control the GPIO pin when the pin is configured for the GPIO function and when
the pin is configured for the alternate function for all pins.
The basic GPIO configuration options are summarized in Table 14-3.
In addition, each GPIO pin has a programmable weak pull-up (45
A) to VCC. The Pull-up control is independent of
GPIO direction, buffer type, and Alternate Function selection. Each GPIO pin has a bit in a GPIO PULLUP Register,
which enables the pin’s pull-up.
TABLE 14-2:
GENERAL PURPOSE I/O PORT ASSIGNMENTS
Default
Function
Alternate
Function
Data
Register
Data Register
Bit No.
Register
Offset
(HEX)
Pullup
Control
Register
Control
(Note 14-2)
Pullup
Register
Bit No.
GPIO10
GP1
0
0C
CR38
0
GPIO11
1
1
GPIO12
IO_SMI#
2
2
GPIO13
IRQIN1
3
3
GPIO14
IRQIN2
4
4
GPIO15
5
5
GPIO16
6
6
GPIO17
7
7
GPIO 30
GP3
0
0E
CR37
0
GPIO 31
1
1
GPIO 32
2
2
GPIO33
3
3
GPIO34
4
4
GPIO35
5
5
GPIO36
6
6
GPIO37
7
7
TABLE 14-3:
GPIO CONFIGURATION SUMMARY
Selected
Function
Direction Bit
Polarity Bit
Description
B0
B1
GPIO
0
0
Pin is a non-inverted output.
0
1
Pin is an inverted output.
1
0
Pin is a non-inverted input.
1
1
Pin is an inverted input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com