Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 37 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 37 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology SIO1007 Datasheet HTML 40Page - Microchip Technology SIO1007 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 37
SIO1007
APPLICATION NOTE: To generate a Serial IRQ for the IRCC2.0 block, the ACE block must be located in a valid
Base I/O range and the OUT2 bit in the MCR register must be set to 1.
10.3
IRDA PME Wakeup
The IR Receive activity can wake up the system from a sleep state using the SIO1007 nIO_PME output. The IRRX2
pin wake event is falling edge detected.
APPLICATION NOTE: Very narrow pulses, which are rejected by the IRCC block, can generate wakeup events.
10.4
CIRCC2 Infrared Interface
The following section describes the features that are unique to the CIRCC2 block in the SIO1007. For more information,
consult the CIRCC 2.X Block Specification Revision 0.7, dated August 26, 2004.
10.4.1
CIRCC2 PIN INTERFACE
The CIRRX and CIRTX signals that are multiplexed on the GP15 and GP16 pins respectively are used to interface to
the CIRCC2 block.
APPLICATION NOTE: If CIRTX signal function is used and interfaced to a transceiver requiring duty cycle
protection, an external 5KOhm pulldown resistor should be used. In addition the an internal
45µA pullup resistor on the CIRTX pin should be disabled by clearing the the GP16 bit in
CR38 on page 82.
The CIRCC2 block has three ports that can be used to bring out the IR signals to three different pairs of pins. In the
SIO1007 implementation, only one of these ports is utilized (See Figure 10-2). This port is selected by the CIRCC2 Out-
put Mux bits, which may be programmed in the CR0A Configuration Register (see Section 18.4.11, "CR0A," on page 63)
or in the SCE Configuration Register B, which is located in the CIRCC2 Runtime Registers. The SCE Configuration Reg-
ister B is located in Register Block One of the CIRCC2 Runtime Registers, which is defined in the CIRCC 2.X Block
Specification Revision 0.7, dated August 26, 2004.
FIGURE 10-2:
CIRCC2 INFRARED INTERFACE BLOCK DIAGRAM
CIRCC2 Block
RA
W
T
V
OU
T
MU
X
CO
M
IR
AU
X
TX
1
RX
1
TX
2
RX
2
TX
3
RX
3
n/
a
n/
a
n/
a
n/
a
CIRTX
CIRRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com