Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 79 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 79 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 75Page - Microchip Technology SIO1007 Datasheet HTML 76Page - Microchip Technology SIO1007 Datasheet HTML 77Page - Microchip Technology SIO1007 Datasheet HTML 78Page - Microchip Technology SIO1007 Datasheet HTML 79Page - Microchip Technology SIO1007 Datasheet HTML 80Page - Microchip Technology SIO1007 Datasheet HTML 81Page - Microchip Technology SIO1007 Datasheet HTML 82Page - Microchip Technology SIO1007 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 79
SIO1007
18.4.48
CR31
CR31 can only be accessed in the configuration state and after the CSR has been initialized to 31H. CR31 is GPIO
Direction Register 1 and is used to select the direction of GP10-GP17 pins.
18.4.49
CR32
CR32 can only be accessed in the configuration state and after the CSR has been initialized to 32H. CR32 is GPIO
Polarity Register 1 and is used to select the polarity of GP10-GP17 pins.
TABLE 18-42: CR31
GPIO Direction Register 1
Type: R/W
Default: 0X00 ON VTR POR
BIT NO.
BIT NAME
DESCRIPTION
0
GP10
The bits in this register are used to select the direction of the GP10-GP17
pins.
0=Input
1=Output
1GP11
2GP12
3GP13
4GP14
5GP15
6GP16
7GP17
TABLE 18-43: CR32
GPIO Polarity Register 1
Type: R/W
Default: 0X00 ON VTR POR
BIT NO.
BIT NAME
DESCRIPTION
0
GP10
The bits in this register are used to select the polarity of the GP10-GP17
pins.
0=Non-Inverted
1=Inverted
1GP11
2GP12
3GP13
4GP14
5GP15
6GP16
7GP17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com