Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 60 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 60 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
SIO1007
DS00002020A-page 60
 2005 - 2015 Microchip Technology Inc.
Note 18-3
The bits that control the direction, polarity and output buffer type of each GPIO also affect the
alternate function on the GPIO.
18.4
Configuration Register Detailed Description
18.4.1
CR00
CR00 can only be accessed in the configuration state and after the CSR has been initialized to 00H.
CR27
R
-
0x00
-
Reserved
CR28
R/W
-
0x00
-
UART IRQ Select
CR29
R/W
-
0x80
-
IRQIN1/HPMODE/SIRQ_CLKRUN_En
CR2A
R/W
-
0x00
-
IRQIN2
CR2B
R/W
-
0x00
-
SCE (FIR) Base Address - Low Byte
CR2C
R/W
-
0x0F
-
SCE (FIR) DMA Select
CR2D
R/W
-
0x03
-
IR Half Duplex Timeout
CR2E
R/W
-
0x00
-
Software Select A
CR2F
R/W
-
0x00
-
Software Select B
CR30
R/W
-
0x00
-
Runtime Register Base Address - Low Byte
CR31
R/W
-
-
0x00
GPIO Direction Register 1
CR32
R/W
-
-
0x00
GPIO Polarity Register 1
CR33
R/W
-
0xFF-
GPIO Output Type Register 1
CR34
R/W
-
-
0x01
Alternate Function Register
CR35
R/W
-
-
0x00
GPIO Direction Register 3
CR36
R/W
-
-
0x00
GPIO Polarity Register 3
CR37
R/W
-
-
0xFF
GPIO PULLUP Register 3
CR38
R/W
-
-
0xFF
GPIO PULLUP Register 1
CR39
R/W
-
-
0xFF
GPIO Output Type Register 3
CR3A
R/W
0x00
Logical Device Activate Register
CR3B
R/W
0x00
LPC Docking Base Address Register High Byte
CR3C
R/W
0x00
LPC Docking Base Address Register Low Byte
TABLE 18-4:
CR00
Valid Configuration Cycle
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
6:0
Reserved
Read Only. A read returns 0
7Valid
A high level on this software-controlled bit can be used to indicate that a
valid configuration cycle has occurred. The control software must take care
to set this bit at the appropriate times. Set to zero after power up. This bit
has no effect on any other hardware in the chip.
TABLE 18-3:
CONFIGURATION REGISTERS SUMMARY (CONTINUED)
Register
Index
Type
PCI Reset
(Note 18-3)
VCC POR
VTR
POR
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com