Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 68 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 68 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
SIO1007
DS00002020A-page 68
 2005 - 2015 Microchip Technology Inc.
18.4.21
CR15
CR15 can only be accessed in the configuration state and after the CSR has been initialized to 15H. CR15 shadows the
bits in the write-only UART1 run-time FCR register.
18.4.22
CR16
CR16 can only be accessed in the configuration state and after the CSR has been initialized to 16H. CR16 shadows the
bits in the write-only UART2 run-time FCR register. See CR15 for register description.
18.4.23
CR17
Register CR17 is reserved. The default value of this register after power up is 00H.
18.4.24
CR18
CR18 can only be accessed in the configuration state and after the CSR has been initialized to 18h. CR18 is used to
select the IRQ channel for CIRCC2 and the DMA channel for the CIRCC2 port. Any unselected IRQ output is in tristate.
Shared IRQs are not supported in the SIO1007.
TABLE 18-17: CR15
UART1 FCR Shadow Register
Type: R
Default: N/A
BIT NO.
BIT NAME
DESCRIPTION
0
FIFO Enable
Setting this bit to a logic "1" enables both the XMIT and RCVR FIFOs
1
RCVR FIFO Reset
Setting this bit to a logic "1" clears all bytes in the RCVR FIFO and resets
its counter logic to 0. This bit is self clearing.
2
XMIT FIFO Reset
Setting this bit to a logic "1" clears all bytes in the XMIT FIFO and resets
its counter logic to 0. This bit is self-clearing.
3
DMA Mode Select
Writing to this bit has no effect on the operation of the UART.
4,5
Reserved
Read Only. A read returns 0.
6,7
RCVR Trigger
These bits are used to set the trigger level for the RCVR FIFO interrupt.
BIT7
BIT6
RCVR FIFO TRIGGER LEVEL (BYTES)
001
014
108
1114
TABLE 18-18: CR18
CIRCC2 Interrupt/DMA Selection
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
3:0
CIRCC2 DMA
Select
These bits are used to select DMA for CIRCC2 port. See DMA encoding
for CR18 (see Table 18-20).
7:4
CIRCC2 IRQ Select These bits are used to select IRQ for CIRCC2 port. See IRQ encoding for
CR18 (see Table 18-19).
Note:
A CIRCC2 IRQ event will only be generated if an SCE event is
active and enabled and the CIRCC2 Base I/O Address is in the
active range (i.e., greater than 100h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com