Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 89 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 89 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 85Page - Microchip Technology SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology SIO1007 Datasheet HTML 88Page - Microchip Technology SIO1007 Datasheet HTML 89Page - Microchip Technology SIO1007 Datasheet HTML 90Page - Microchip Technology SIO1007 Datasheet HTML 91Page - Microchip Technology SIO1007 Datasheet HTML 92Page - Microchip Technology SIO1007 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 89
SIO1007
Note 19-1
All output leakage’s are measured with all pins in high impedance
Note 19-2
These values are estimated. They will be updated after characterization. Contact Microchip for the
latest values.
Note 19-3
Max ITR with VCC = 3.3V (nominal) is 0.2mA.
Max ITR with VCC = 0V (nominal) is 60µA.
Note 19-4
The minimum value given for VTR applies when VCC is active. When VCC is 0V, the minimum VTR is
0V.
Note 19-5
See Section 5.1, "3.3 Volt Operation / 5 Volt Tolerance".
Note 19-6
Table 4-1and the associated Note 4-5 identify the non-5V tolerant pins.
Note 19-7
Programmable pullup resistance on GPIO are controlled by CR37 and CR38.
CAPACITANCE TA = 25
0C; fc = 1MHz; V
CC = 3.3V ±10%
Trickle Supply Voltage
(Note 19-4)
VTR
VCC min
-.5V
VCC max V
VCC must not be
greater than .5V above
VTR
VTR Supply Current Active
(Note 19-2 and Note 19-3)
ITR
7
mA
All outputs open, all
inputs transitioning
from/to 0V to/from
3.3V
Parameter
Symbol
Limits
Unit
Test Condition
MIN
TYP
MAX
Clock Input Capacitance
CIN
20
pF
All pins except pin
under test tied to AC
ground
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com