Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 85 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 85 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 81Page - Microchip Technology SIO1007 Datasheet HTML 82Page - Microchip Technology SIO1007 Datasheet HTML 83Page - Microchip Technology SIO1007 Datasheet HTML 84Page - Microchip Technology SIO1007 Datasheet HTML 85Page - Microchip Technology SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology SIO1007 Datasheet HTML 88Page - Microchip Technology SIO1007 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 85
SIO1007
18.5
Logical Device Base I/O Address and Range
TABLE 18-53: CR3C
LPC Docking Base Address Register Low Byte
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
ADR0
LPC Docking Base Address bits for decoder.
1
ADR1
2
ADR2
3
ADR3
4
ADR4
5
ADR5
6
ADR6
7
ADR7
TABLE 18-54: I/O BASE ADDRESS CONFIGURATION REGISTER DESCRIPTION
Logical Device
Register Index
Base I/O Range
Fixed Base Ofsets
Serial Port 1
CR24
See Note 18-11
[0x0100:0x03F8]
On 8 byte boundaries
+0 : RB/TB/LSB div
+1 : IER/MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MCR
+5 : LSR
+6 : MSR
+7 : SCR
Serial Port 2
(Async. Comm
Engine)
CR25
See Note 18-11
[0x0100:0x03F8]
On 8-byte boundaries
+0 : RB/TB/LSB div
+1 : IER/MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MCR
+5 : LSR
+6 : MSR
+7 : SCR
Serial Port 2 (Sync.
Comm Engine)
CR2B, CR1E
(FIR/CIR)
See Note 18-9 on
page 84 and
Note 18-11
[0x0000:0x07F8]
On 8-byte boundaries
+0 :
DR/SCEA/CIRC/IDH/(IRDACR/BOFH)
+1 : INTID/SCEB/CIRCR/IDL/BOFL
+2 : IER/FIFOT/CIRBR/CID/BWCL
+3 : LSR/LSA/VERN/(BWCH/TDSH)
+4 : LCA/(IRQL/DMAC)/TDSL
+5 : LCB/RDSH
+6 : BS/RDSL
+7 : MCR
CIRCC2
CR1F, CR20
See Note 18-9 on
page 84
and Note 18-11
[0x0000:0x07F8]
On 8-byte boundaries
+0 :
DR/SCEA/CIRC/IDH/(IRDACR/BOFH)
+1 : INTID/SCEB/CIRCR/IDL/BOFL
+2 : IER/FIFOT/CIRBR/CID/BWCL
+3 : LSR/LSA/VERN/(BWCH/TDSH)
+4 : LCA/(IRQL/DMAC)/TDSL
+5 : LCB/RDSH
+6 : BS/RDSL
+7 : MCR
Runtime Register
Block
CR30, CR21
See Note 18-9 on
page 84
[0x0000:0x0FF0]
On 16-byte boundaries
+00 : PME_STS
+0F : GP4
(See Table 17-1in the Runtime Registers
section for Full List)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com