Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 90 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 90 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology SIO1007 Datasheet HTML 88Page - Microchip Technology SIO1007 Datasheet HTML 89Page - Microchip Technology SIO1007 Datasheet HTML 90Page - Microchip Technology SIO1007 Datasheet HTML 91Page - Microchip Technology SIO1007 Datasheet HTML 92Page - Microchip Technology SIO1007 Datasheet HTML 93Page - Microchip Technology SIO1007 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
SIO1007
DS00002020A-page 90
 2005 - 2015 Microchip Technology Inc.
20.0
TIMING DIAGRAMS
For the Timing Diagrams shown, the following capacitive loads are used on outputs.
Note 20-1
Internal write-protection period after Vcc passes 2.7 volts on power-up.
Name
Capacitance Total (pF)
SER_IRQ
50
nLAD[3:0]
50
nLDRQ
50
TXD1
50
nCLKRUN
50
FIGURE 20-1:
POWER-UP TIMING
Name
Description
MIN
TYP
MAX
Units
t1
Vcc Slew from 2.7V to 0V
300
s
t2
Vcc Slew from 0V to 2.7V
100
s
t3
All Host Accesses After Powerup (Note 20-1)125
500
s
FIGURE 20-2:
INPUT CLOCK TIMING
Name
Description
MIN
TYP
MAX
Units
t1
Clock Cycle Time for 14.318MHZ
69.84
ns
t2
Clock High Time/Low Time for 14.318MHz
20
35
ns
Clock Rise Time/Fall Time (not shown)
5
ns
t3
Vc c
Al l H o s t
A cce s s e s
t2
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com