Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 65 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 65 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 65
SIO1007
18.4.14
CR0D
CR0D can only be accessed in the configuration state and after the CSR has been initialized to 0DH. This register is
read only. CR0D contains the SIO1007 Device ID. The default value of this register after power up is 0x20 on VCC POR.
18.4.15
CR0E
CR0E can only be accessed in the configuration state and after the CSR has been initialized to 0EH. This register is
read only. CR0E contains the current SIO1007 Chip. Revision Level starting at 00H.
18.4.16
CR0F
CR0F can only be accessed in the configuration state and after the CSR has been initialized to 0FH. CR0F is a test
control register and all bits must be treated as Reserved.
18.4.17
CR10
CR10 can only be accessed in the configuration state and after the CSR has been initialized to 10H. CR10 is a test
control register and all bits must be treated as Reserved.
Note:
All test modes are reserved for Microchip use. Activating test mode registers may produce undesired
results.
TABLE 18-12: CR0F
Test 1
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0Test 0
RESERVED FOR MICROCHIP USE
1Test 1
2Test 2
3Test 3
4Test 4
5Test 5
6Test 6
7Test 7
Note:
All test modes are reserved for Microchip use. Activating test mode registers may produce undesired
results.
TABLE 18-13: CR10
Test 2
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0Test 8
RESERVED FOR MICROCHIP USE
1Test 9
2
Test 10
3Test 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com