Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 59 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 59 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 59
SIO1007
18.3
Configuration Registers Summary
The configuration registers are set to their default values at power up (Table 18-3) and are RESET as indicated in
Table 18-3 and the register descriptions that follow.
TABLE 18-3:
CONFIGURATION REGISTERS SUMMARY
Register
Index
Type
PCI Reset
(Note 18-3)
VCC POR
VTR
POR
Register
CR00
R
-
0x00
Valid Config Cycle
CR01
R/W
bit[7]=1
-
CR Lock
CR02
R/W
bit[7]=0
0x08
-
UART AND IR POWER
CR03
R
-
-
-
Reserved
CR04
R/W
-
0x00
-
UART Miscellaneous
CR05
R
-
0x00
-
Reserved
CR06
R
-
0x00
-
Reserved
CR07
R/W
bit[6:5]=0
0x00
-
Auto Power Mgt
CR08
R
-
0x00
-
Reserved
CR09
R/W
-
0x00
-
Test 4
CR0A
R/W
bit[7:6]=0
0x00
0x00
IR MUX
CR0B
R
-
0x00
-
Reserved
CR0C
R/W
0x02
0x02
-
UART Mode
CR0D
R
-
0x20
-
Device ID
CR0E
R
-
Revision
-
Revision ID
CR0F
R/W
-
0x00
-
Test 1
CR10
R/W
-
0x00
-
Test 2
CR11
R/W
-
0x00
-
Test 3
CR12
R/W
SYSOPT0=0:0x2E
SYSOPT0=1:0x4E
-
Configuration Base Address 0
CR13
R/W
SYSOPT1=0:0x00
SYSOPT1=1:0x16
-
Configuration Base Address 1
CR14
R
-
-
-
Reserved
CR15
R
-
-
-
UART1 FCR Shadow
CR16
R
-
-
-
UART2 FCR Shadow
CR17
R
-
0x00
-
Reserved
CR18
R/W
-
0x00
-
CIRCC2 Interrupt/DMA Selection
CR19
R/W
-
0x00
-
CIRCC2 Software Select A
CR1A
R/W
-
0x00
-
CIRCC2 Software Select B
CR1B
R/W
-
0x03
-
CIRCC2 Half Duplex Timeout
CR1C
R
-
0x00
-
Reserved
CR1D
R/W
-
0x00
-
Test 5
CR1E
R/W
-
0x00
-
SCE (FIR) Base Address - High Byte
CR1F
R/W
-
0x00
-
CIRCC2 Base Address Register (Low Byte)
CR20
R/W
-
0x00
-
CIRCC2 Base Address Register (High Byte)
CR21
R/W
-
0x00
-
Runtime Register Base Address - High Byte
CR22
R
-
0x00
-
Reserved
CR23
R
-
0x00
-
Reserved
CR24
R/W
-
0x00
-
UART1 Base Address
CR25
R/W
-
0x00
-
UART2 Base Address
CR26
R
-
0x00
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com