Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 11 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 7Page - Microchip Technology SIO1007 Datasheet HTML 8Page - Microchip Technology SIO1007 Datasheet HTML 9Page - Microchip Technology SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 11
SIO1007
Note 4-1
The LPCPD# pin may be tied high. The LPC interface will function properly if the PCI_RESET# signal
follows the protocol defined for the LRESET# signal in the "Low Pin Count Interface Specification".
Note 4-2
The nRTS1/SYSOPT0 and the nDTS1/SYSOPT1 pins require external pullup/pull-down resistors to
set the default base I/O address for configuration to 0x002E, 0x004E, 0x162E, or 0x164E.
Note 4-3
The LPC interface pins are 3.3 V only. These signals meet PCI DC specifications for 3.3V signaling.
These pins are not 5V tolerant and do not have ChiProtect.
Note 4-4
These pins have an internal 45uA pull-up that is only active when the programmed via the GPIO Pull-
up Registers (CR37-CR38). The default state for the pin is for the pull-up to be enabled.
Note 4-5
IIf CIRTX signal function is used and interfaced to a transceiver requiring duty cycle protection, an
external 5KOhm pulldown resistor should be used. In addition the an internal 45µA pullup resistor on
the CIRTX pin should be disabled by clearing the the GP16 bit in CR38 on page 82.
4.2
Buffer Type Description
Note 4-6
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 4-7
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.
Note:
The buffer type values are specified at VCC=3.3V.
TABLE 4-2:
BUFFER TYPES
Buffer Type
Description
I
Input, TTL Compatible.
IS
Input with Schmitt Trigger.
O6
Output, 6mA sink, 3mA source.
O8
Output, 8mA sink, 4mA source.
OD8
Open Drain Output, 8mA sink.
IO8
Input/Output, 8mA sink, 4mA source.
IS/O8
Input with Schmitt Trigger/Output, 8mA sink, 4mA source.
O12
Output, 12mA sink, 6mA source.
OD12
Open Drain Output, 12mA sink.
IO12
Input/Output, 12mA sink, 6mA source.
OP14
Output, 14mA sink, 14mA source.
O24
Output, 24mA sink, 12mA source.
PCI_IO
Input/Output. These pins must meet the PCI 3.3V AC and DC Characteristics.
(Note 4-6)
PCI_O
Output. These pins must meet the PCI 3.3V AC and DC Characteristics. (Note 4-6)
PCI_I
Input. These pins must meet the PCI 3.3V AC and DC Characteristics. (Note 4-6)
PCI_ICLK
Clock Input. These pins must meet the PCI 3.3V AC and DC Characteristics and
timing. (Note 4-7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com