Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 71 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 71 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology SIO1007 Datasheet HTML 73Page - Microchip Technology SIO1007 Datasheet HTML 74Page - Microchip Technology SIO1007 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 71
SIO1007
18.4.29
CR1E
CR1E can only be accessed in the configuration state and after the CSR has been initialized to 1EH. CR1E is used to
set the SCE (FIR) base address - High Byte ADR[15:11].
The SCE (FIR) logical device base address is initialized using the base address bits located in two configuration regis-
ters: CR2B-low byte and CR1E-high byte. The SCE base address can be set to 8160 locations on 8-byte boundaries
from 0000H - FFF8H.
The SCE (FIR) base address bits A[2:0] are decoded as 000b. The SCE (FIR) block uses full 16-bit addressing decod-
ing. An address matching the SCE (FIR) base address bits A[15:3] is decoded using the specific address bits A[2:0] to
target registers in SCE (FIR).
When the SCE (FIR) logical device activate bit in CR3A-bit0 is cleared to 0, no address decoding takes place for the
SCE (FIR) logical device.
18.4.30
CR1F
CR1F can only be accessed in the configuration state and after the CSR has been initialized to 1Fh. CR1F is used to
select the low byte of the base address (ADR[9:3] bits of CIrCC2 Logical Device.
The CIRCC2 logical device base address is initialized using the base address bits located in two configuration registers:
CR1F-low byte and CR20-high byte. The CIRCC2 base address can be set to 8,192 locations on 8-byte boundaries
from 0000H - FFF8H.
The CIRCC2 base address bits A[2:0] are decoded as 000b. The CIRCC2 block uses full 16-bit addressing decoding.
An address matching the CIRCC2 base address bits A[15:3] is decoded using the specific address bits A[2:0] to target
registers in CIRCC2.
TABLE 18-24: CR1D
Test 5
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
Test 32
RESERVED FOR MICROCHIP USE
1
Test 33
2
Test 34
3
Test 35
4
Test 36
5
Test 37
6
Test 38
7
Test 39
TABLE 18-25: CR1E
SCE (FIR) Base Address Register - High Byte
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
ADR11
FIR Base Address bits for decoder.
1
ADR12
2
ADR13
3
ADR14
4
ADR15
5
RESERVED
Reads return 0. Writes have no effect.
6
RESERVED
Reads return 0. Writes have no effect.
7
RESERVED
Reads return 0. Writes have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com