Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 31 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 31 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 27Page - Microchip Technology SIO1007 Datasheet HTML 28Page - Microchip Technology SIO1007 Datasheet HTML 29Page - Microchip Technology SIO1007 Datasheet HTML 30Page - Microchip Technology SIO1007 Datasheet HTML 31Page - Microchip Technology SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
TABLE 9-5:
REGISTER SUMMARY FOR AN INDIVIDUAL UART CHANNEL
Regiser Address
(Note 9-4)
Register Name
Reg. Symbol
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
ADDR = 0
DLAB = 0
Receive Buffer
Register (Read
Only)
RBR
Data Bit 0
(Note 9-5)
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
ADDR = 0
DLAB = 0
Transmitter Holding
Register (Write
Only)
THR
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
ADDR = 1
DLAB = 0
Interrupt Enable
Register
IER
Enable Received
Data Available
Interrupt
(ERDAI)
Enable Trans-
mitter Holding
Register Empty
Interrupt
(ETHREI)
Enable
Receiver Line
Status
Interrupt
(ELSI)
Enable
Modem Status
Interrupt
(EMSI)
00
0
0
ADDR = 2
Interrupt Ident.
Register (Read
Only)
IIR
"0" if Interrupt
Pending
Interrupt ID Bit
Interrupt ID
Bit
Interrupt ID Bit
(Note 9-9)
00
FIFOs
Enabled
(Note 9-9)
FIFOs Enabled
(Note 9-9)
ADDR = 2
FIFO Control
Register (Write
Only)
FCR
(Note 9-11)
FIFO Enable
RCVR FIFO
Reset
XMIT FIFO
Reset
DMA Mode
Select
(Note 9-11)
Reserved
Reserved
RCVR Trigger
LSB
RCVR Trigger
MSB
ADDR = 3
Line Control
Register
LCR
Word Length
Select Bit 0
(WLS0)
Word Length
Select Bit 1
(WLS1)
Number of
Stop Bits
(STB)
Parity Enable
(PEN)
Even Parity
Select
(EPS)
Stick Parity
Set Break
Divisor Latch
Access Bit
(DLAB)
ADDR = 4
MODEM Control
Register
MCR
Data Terminal
Ready (DTR)
Request to
Send (RTS)
OUT1
(Note 9-7)
OUT2
(Note 9-7)
Loop
0
0
0
ADDR = 5
Line Status
Register
LSR
Data Ready
(DR)
Overrun Error
(OE)
Parity Error
(PE)
Framing Error
(FE)
Break
Interrupt (BI)
Transmitter
Holding Register
(THRE)
Transmitter
Empty
(TEMT)
(Note 9-6)
Error in RCVR
FIFO (Note 9-9)
ADDR = 6
MODEM Status
Register
MSR
Delta Clear to
Send (DCTS)
Delta Data Set
Ready (DDSR)
Trailing Edge
Ring Indicator
(TERI)
Delta Data
Carrier Detect
(DDCD)
Clear to
Send (CTS)
Data Set Ready
(DSR)
Ring Indicator
(RI)
Data Carrier
Detect (DCD)
ADDR = 7
Scratch Register
(Note 9-8)
SCR
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
ADDR = 0
DLAB = 1
Divisor Latch (LS)
DDL
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
ADDR = 1
DLAB = 1
Divisor Latch (MS)
DLM
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Bit 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com