Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 55 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 55 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 55
SIO1007
PME_EN2
Default = 0x00
on VTR POR
06
(R/W)
PME Wake Enable Register 2
This register is used to enable individual SIO1007 PME wake sources onto
the IO_PME# wake bus.
When the PME Wake Enable register bit for a wake source is active (“1”), if
the source asserts a wake event so that the associated status bit is “1” and
the PME_En bit is “1”, the source will assert the IO_PME# signal.
When the PME Wake Enable register bit for a wake source is inactive (“0”),
the PME Wake Status register will indicate the state of the wake source but
will not assert the IO_PME# signal.
Bit[0] RI1
Bit[1] IRRX2
Bit[2] CIRCC2
Bit[7:3] Reserved
The PME Wake Enable register is not affected by Vcc POR, SOFT RESET
or PCI RESET.
PME_EN3
Default = 0x00
on VTR POR
07
(R/W)
PME Wake Enable Register 3
This register is used to enable individual SIO1007 PME wake sources onto
the IO_PME# wake bus.
When the PME Wake Enable register bit for a wake source is active (“1”), if
the source asserts a wake event so that the associated status bit is “1” and
the PME_En bit is “1”, the source will assert the IO_PME# signal.
When the PME Wake Enable register bit for a wake source is inactive (“0”),
the PME Wake Status register will indicate the state of the wake source but
will not assert the IO_PME# signal.
Bit[0] GP30
Bit[1] GP31
Bit[2] GP32
Bit[3] GP33
Bit[4] GP34
Bit[5] GP35
Bit[6] GP36
Bit[7] GP37
The PME Wake Enable register is not affected by Vcc POR, SOFT RESET
or PCI RESET.
SMI_STS1
Default = 0x00
on VTR POR
See Note 17-2
08
(R/W)
SMI Status Register 1
This register is used to read the status of the SMI inputs.
The following bits are cleared on a write of ‘1’.
Bit[0] GP10
Bit[1] GP11
Bit[2] GP12
Bit[3] GP13
Bit[4] GP14
Bit[5] GP15
Bit[6] GP16
Bit[7] GP17
SMI_STS2
0x00
on VTR POR
09
(R/W)
SMI Status Register 2
This register is used to read the status of the SMI inputs.
The bits[3:0] must be cleared at their source. Bits[5:4] are cleared on a write
of ‘1’.
Bit[0] Reserved
Bit[1] U2INT
Bit[2] U1INT
Bit[3] CIRCC2
Bit[7:4] Reserved
TABLE 17-2:
RUNTIME REGISTERS BLOCK DESCRIPTION (CONTINUED)
Name/Default
Register
Offset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com