Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 103 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 103 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 99Page - Microchip Technology SIO1007 Datasheet HTML 100Page - Microchip Technology SIO1007 Datasheet HTML 101Page - Microchip Technology SIO1007 Datasheet HTML 102Page - Microchip Technology SIO1007 Datasheet HTML 103Page - Microchip Technology SIO1007 Datasheet HTML 104Page - Microchip Technology SIO1007 Datasheet HTML 105Page - Microchip Technology SIO1007 Datasheet HTML 106Page - Microchip Technology SIO1007 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 103
SIO1007
22.0
PACKAGE OUTLINE
Note 1: Controlling Unit: millimeter.
2: Tolerance on the true position of the leads is ± 0.035 mm maximum.
3: Package body dimensions D1 and E1 do not include the mold protrusion.
4: Maximum mold protrusion is 0.25 mm per side. D1 and E1 dimensions determined at datum plane H.
5: Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
6: Details of pin 1 identifier are optional but must be located within the zone indicated.
Note:
For the most current package drawings, see the Microchip Packaging Specification at http://www.microchip.com/packaging.
FIGURE 22-1:
64-PIN STQFP PACKAGE
Min
Nominal
Max
Remarks
A
~
~
1.60
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
8.80
9.00
9.20
X Span
D1
6.80
7.00
7.20
X body Size
E
8.80
9.00
9.20
Y Span
E1
6.80
7.00
7.20
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length
L1
~
1.00 REF.
~
Lead Length
e
0.40 Basic
Lead Pitch
0o
~7o
Lead Foot Angle
W
0.13
0.18
0.23
Lead Width
ccc
~
~
0.08
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com