Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 126Page - STMicroelectronics STV3550 Datasheet HTML 127Page - STMicroelectronics STV3550 Datasheet HTML 128Page - STMicroelectronics STV3550 Datasheet HTML 129Page - STMicroelectronics STV3550 Datasheet HTML 130Page - STMicroelectronics STV3550 Datasheet HTML 131Page - STMicroelectronics STV3550 Datasheet HTML 132Page - STMicroelectronics STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 144 page
background image
130/144
STV3550
Electrical Characteristics
9
Electrical Characteristics
The STV3550 contains circuitry used to protect inputs against damage due to high static voltage or
electric fields. Nevertheless, it is recommended that normal precautions be observed in order to
avoid subjecting this high-impedance circuit to voltages above those quoted in the Absolute
Maximum Ratings. For proper operation, it is recommended that the input voltage VIN be
constrained within the range: (VSS - 0.3 V) ≤ VIN ≤ (VDD33_IO + 0.3 V)
To enhance reliability of operation, it is recommended to configure unused I/Os as inputs and to
connect them to an appropriate logic voltage level such as VSS or VDD. It is also recommended to
connect VDDA and VDD together on applications. (Same remark for VSSA and VSS).
All the voltages in the following tables are referenced to VSS.
Stresses greater than those listed as “Absolute Maximum Ratings” may cause permanent damage
to the device. Functional operation of the device at these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.
9.1
Absolute Maximum Ratings
Note: 1 All voltages listed are referenced to ground (0 V, GND, VSS).
2 Voltage at input pins are 5 V tolerant, except for analog PIO pins.
3 Voltage at output pin configured in open-drain are 5 V tolerant.
4 Mininum guaranteed value.
Symbol
(Note 1)
Ratings
Value
Unit
VCC33_ADC
3.3 V Analog Voltage Supply for A/D Converter
3.8
V
VCC18_IO
1.8 V Analog Voltage Supply for PLL IOs
2.2
V
VCC18_PLL3
1.8 V Analog Voltage Supply for PLL 3
2.2
V
VCC18_PLL
1.8 V Analog Voltage Supply for PLL
2.2
V
VDD18_PLL1
1.8 V Analog Voltage Supply for PLL1
2.2
V
VDD33_IO
3.3 V Digital Voltage Supply
3.8
V
VDD18_CORE
1.8 V Digital Voltage Supply
2.2
V
VIMAX
Voltage on Input and Bi-directional pins (See Note 2)
VSS-0.3 to VDD33_IO+0.3
V
VOMAX
Voltage on Output pins (See Note 3)
VSS-0.3 to VDD33_IO+0.3
V
IOMAX
Output Current
20
mA
ESD
ESD Susceptibility (Human Body Model: 100 pF capacitor discharged
through a 1.5 k
Ω serial resistor) (See Note 4)
2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com