Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 129Page - STMicroelectronics STV3550 Datasheet HTML 130Page - STMicroelectronics STV3550 Datasheet HTML 131Page - STMicroelectronics STV3550 Datasheet HTML 132Page - STMicroelectronics STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
Electrical Characteristics
STV3550
133/144
9.7
ADC Characteristics
Analog Parameters Table
(VCC33_ADC = 3.3 V ±10%; CLK_ADC (Typ.) = 3.4 MHz; TAMB = 0 to 70°C; unless otherwise
specified).
VOH
Output Voltage High Level
ILOAD = -0.8 mA
1.2
Internal Clock
fXTAL
Crystal Frequency
27
MHz
RBIAS
Internal Bias Resistance
Accuracy (including Temp. shift)
±50
ppm
Peak-to-Peak Jitter
±2
nS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Analog Input Range
GND_
ADC
VCC33_
ADC
V
Conversion Time Fast/Slow
16
CLK_AD
C
Power-up Time
5ms
Resolution
7bits
Differential Non Linearity
DNL Error= Max {[V(i) -V(i-1)] / LSB-
1}
INL Error= Max {[V(i) -V(0)] / LSB-i}
Absolute Accuracy = Overall Max.
Conversion Error
5
LSBs1
1. LSB = VCC33_ADC/1024
Integral Non Linearity
7
LSBs
Absolute Accuracy
7
LSBs
Input Resistance
Must be considered as the on-chip
serial resistor before the sampling
capacitor.
1.5
kOhm
Hold Capacitance
1.92
pF
Clock Frequency
3.4
MHz
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com