Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics STV3550 Datasheet HTML 138Page - STMicroelectronics STV3550 Datasheet HTML 139Page - STMicroelectronics STV3550 Datasheet HTML 140Page - STMicroelectronics STV3550 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
Timing Specifications
STV3550
137/144
10
Timing Specifications
The timings are based on the following conditions unless otherwise stated:
1. Input rise and fall times of 3 ns (between 10% and 90%).
2. Output load = 30 pF
3. Output threshold = 1.5 V
10.1
PIO Timings
Reference clock in this case means the last transition of any PIO signal.
10.2
Reset Timings
The tRSTHRSTL value specified in the following table and figure is for power-on reset when the
device is cold. Warm reset parameters (when the clock and power supply are stable) will fall within
these limits and the tRSTHRSTL value should be used for both cases.
Symbol
Parameter
Min
Max
Units
Note
tPCHPOV
PIO_refclock high to PIO output valid
20
ns
1
1. These timings do not apply when a PIO pin is an output for the PWM outputs, since these are
generated using a different clock.
tPCHWDZ
PIO tristate after PIO_refclock high
20
ns
1
tPIOr
Output Rise Time (CLOAD = 50 pF)
20
ns
tPIOf
Output Fall Time (CLOAD = 50 pF)
20
ns
Figure 82: PIO Timings
Symbol
Parameter
Min
Nom
Max
Units
Notes
tRSTHRSTL
notRSTpulse width low
with a stable VDD
10
ms
Takes temp, voltage and process variations into
account, and provides guardband.
Crystal oscillator start-up times can be long and may
dominate the time from power-up to the end of reset.
PIO Reference Clock
PIOout
tPCHPOV
V
PIOout
tPCHWDZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com