Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics STV3550 Datasheet HTML 138Page - STMicroelectronics STV3550 Datasheet HTML 139Page - STMicroelectronics STV3550 Datasheet HTML 140Page - STMicroelectronics STV3550 Datasheet HTML 141Page - STMicroelectronics STV3550 Datasheet HTML 142Page - STMicroelectronics STV3550 Datasheet HTML 143Page - STMicroelectronics STV3550 Datasheet HTML 144Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 144 page
background image
140/144
STV3550
Timing Specifications
10.6
Output Video Port Interface (AC Electrical Characteristics)
10.6.1 Normal Mode (single edge clock output)
10.6.2 Multiplexed Mode (dual edge clock output)
Figure 86: SDIN Parallel Input Video Stream Input Timings
Symbol
Parameter
Min
Typ
Max
Units
fDCLK
Output operating frequency for:
DCLK @ CLOAD = 50 pF
72
MHz
tDCLK rise
5ns
tDCLK fall
5ns
Symbol
Parameter
Min
Typ
Max
Units
fDCLK
Output operating frequency for:
DCLK @ CLOAD = 50 pF
36
MHz
tDCLK rise
5ns
tDCLK fall
5ns
CLK_DATA
YCRCB[7:0]
t
t
T
tD
Equivalent to 120 MBit/s input rate
tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com