Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics STV3550 Datasheet HTML 138Page - STMicroelectronics STV3550 Datasheet HTML 139Page - STMicroelectronics STV3550 Datasheet HTML 140Page - STMicroelectronics STV3550 Datasheet HTML 141Page - STMicroelectronics STV3550 Datasheet HTML 142Page - STMicroelectronics STV3550 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
Timing Specifications
STV3550
139/144
10.4
TAP Timings
10.5
Input Video Stream Timings
10.5.1 SDIN Interface
Symbol
Parameter
Min
Nom
Max
Units
tTCHTCH
TCK period
50
ns
tTIVTCH
TAP inputs valid to TCK high
10
ns
tTCHTIX
TAP input hold after TCK high
10
ns
tTCHTOV
TCK low to TAP output valid
50
ns
Figure 85: TAP Timings
Symbol
Parameter
Min
Nom
Max
Units
T
Clock Width (CLK_DATA)
37
ns
t
Clock Pulse Width (CLK_DATA)
15.5
18.5
21.5
ns
tD
Clock Pulse Width (YCRCB[7:0])
15.5
18.5
21.5
ns
TCK
TDI
TDO
tTIVTCH
tTCHTIX
tTCHTOV
TMS
tTCHTCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com