Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 131Page - STMicroelectronics STV3550 Datasheet HTML 132Page - STMicroelectronics STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics STV3550 Datasheet HTML 138Page - STMicroelectronics STV3550 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
Electrical Characteristics
STV3550
135/144
9.8
I²C Bus Characteristics
Table 27: Key I²C Timing Requirements
Parameter
Min.
Max.
SCL Clock Frequency
100 kHZ or 400 kHz1
1. In FAST Mode
Hold Time of SCL after SDA START or REPSTART Condition.
After this time the first clock low pulse is created
1.0us or 0.6us
1
LOW Period of the SCL clock
4.7us or 1.3us
2
HIGH period of the SCL clock
4.0us or 0.6us
1
SDA Set-up time relative to SCL for a repeated START condition
4.6us or 0.6us
1
SDA Data Hold Time relative to SCL
300ns2
2. Actual requirement is 0ns but hold time must be at least 300ns on SDA line to comply with uncertain period of max fall
time of 300ns on the SCL line.
SDA Data Setup Time relative to SCL
250ns or 100ns3
3. In FAST mode, but when used with normal mode devices must still meet the 250ns minimum
Rise time of SDA and SCL lines
20+0.1Cb
4
4. Where Cb is the total capacitance on one bus line in pF
100ns or 300ns
1
Fall time of SDA and SCL lines
20+0.1Cb
3
300ns
SDA Setup time relative to SCL for a STOP condition
4.0us or 0.6us
1
Capacitive load of each bus line (Cb)
400pF
Table 28: I²C Timing Constants
I²C Timing Name
I²C Standard
Minimum Time
Constant Value
(cycles)
Typical at
60 MHz
Data Hold Time
300ns
21
350ns
Setup Time For STOP Condition TSU.STO
4.0us
300
5.0us
Setup Time For START (repeated) Condition TSU.ST
4.7us
300
5.0us
Hold Time (repeated) START Condition THD:STA
4.0us
300
5.0us
Data Setup Time TSU:DAT
250ns
21
300ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com