Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 132 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 128Page - STMicroelectronics STV3550 Datasheet HTML 129Page - STMicroelectronics STV3550 Datasheet HTML 130Page - STMicroelectronics STV3550 Datasheet HTML 131Page - STMicroelectronics STV3550 Datasheet HTML 132Page - STMicroelectronics STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
132/144
STV3550
Electrical Characteristics
9.4
Supply Current Characteristics
9.5
H/V Synchronization Characteristics
9.6
Clock Characteristics
1. 0
≤ VI ≤ VDD33_IO (for XTALIN only: 0 ≤ VI ≤ VCC18_IO)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VCC33_ADC
3.3 V Analog Voltage Supply (for A/
D Converter) Current
Typical
Standby Mode
0.6
0.25
mA
VCC18_PLL1
1.8 V Analog Voltage Supply (for
PLL) Current
Typical
Standby Mode
20
11
mA
VCC18_PLL3
1.8 V Analog Voltage Supply (for
PLL) Current
Typical
Standby Mode
7
6
mA
VCC18_IO
1.8 V Analog Voltage Supply (for
PLL I/Os) Current
Typical
Standby Mode
15
13
mA
VDD18_PLL1
1.8 V Analog Voltage Supply (for
PLL) Current
Typical
Standby Mode
17
3
mA
VDD33_IO
3.3 V Digital Voltage Supply Current
Typical
Standby Mode
30
0.4
mA
VDD18_CORE 1.8 V Digital Voltage Supply Current
Typical
Standby Mode
400
1.5
mA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Output Luma/Sync Non-alignment
± 2.5
nS
Output Chroma/Sync Non-alignment
± 20
nS
Line-PLL Capture Range
± 2
kHz
Time Constant to recover 40 µs of phase shift
TBD
HSYNC Uncertainty in relation to RGB/YCrCb outputs
5
ns
VSYNC Uncertainty in relation to RGB/YCrCb outputs
5
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Differential Clock
27
MHz
CLKXTM and CLKXTP
VOL
Output Voltage Low Level
ILOAD = 1.6 mA
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com