Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 127Page - STMicroelectronics STV3550 Datasheet HTML 128Page - STMicroelectronics STV3550 Datasheet HTML 129Page - STMicroelectronics STV3550 Datasheet HTML 130Page - STMicroelectronics STV3550 Datasheet HTML 131Page - STMicroelectronics STV3550 Datasheet HTML 132Page - STMicroelectronics STV3550 Datasheet HTML 133Page - STMicroelectronics STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 144 page
background image
Electrical Characteristics
STV3550
131/144
9.2
Thermal Data
9.3
DC Electrical Characteristics
(TAMB = 0 to 70°C; unless otherwise specified)
Symbol
Ratings
Value
Unit
TAMB
Ambient Temperature Range
0 to + 70
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Junction Temperature
150
°C
RthJA
Maximum Thermal Resistance (Junction-to-Ambient)
45
°C/W
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VCC33_ADC
3.3 V Analog Voltage Supply for A/D Converter
3.0
3.3
3.6
V
VCC18_IO
1.8 V Analog Voltage Supply for PLL IOs
1.6
1.80
2.0
V
VCC18_PLL3
1.8 V Analog Voltage Supply for PLL 3
1.6
1.80
2.0
V
VCC18_PLL
1.8 V Analog Voltage Supply for PLL
1.6
1.80
2.0
V
VDD18_PLL1
1.8 V Analog Voltage Supply for PLL1
1.6
1.80
2.0
V
VDD33_IO
3.3 V Digital Voltage Supply
3.0
3.3
3.6
V
VDD18_CORE 1.8 V Digital Voltage Supply
1.6
1.80
2.0
V
VIH
Input Logic 1 Voltage
(except XTALIN)
CMOS
2.0
3.3
VDD33
_IO+0.3
V
VIH
Input Logic 1 Voltage
(XTALIN only)
CMOS
1.5
1.8
VDD18
_IO+0.3
V
VIL
Input Logic 0 Voltage
CMOS
0.8
V
IL
Input Leakage Current on Input and Bi-directional pins1
-1
+1
µA
VOH
Output High Level
Push-pull ILOAD = -0.8 mA
VDD-0.8
V
VOL
Output Low Level
Push-pull ILOAD = +1.6 mA
0.4
V
VIHRS
Reset in High Level
0.7 VDD
V
VILRS
Reset in Low Level
0.3 VDD
V
VHYRS
Reset in Hysteresis
0.3
V
VIHVH
HSYNC/VSYNC Input High Level
0.7 VDD
V
VILVH
HSYNC/VSYNC Input Low Level
0.3 VDD
V
VHYHV
HSYNC/VSYNC Input Hysteresis
0.5
V
ILKRS
Reset Pin Input
0 < VIN < VDD33_IO
-1
+1
µA
ILKAD
A/D Pin Input Leakage Current
Input
-1
+1
µA
ILKOS
XTALIN Pin Input Leakage Current
0 < VIN < VCC18_IO
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com