Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 138 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 134Page - STMicroelectronics STV3550 Datasheet HTML 135Page - STMicroelectronics STV3550 Datasheet HTML 136Page - STMicroelectronics STV3550 Datasheet HTML 137Page - STMicroelectronics STV3550 Datasheet HTML 138Page - STMicroelectronics STV3550 Datasheet HTML 139Page - STMicroelectronics STV3550 Datasheet HTML 140Page - STMicroelectronics STV3550 Datasheet HTML 141Page - STMicroelectronics STV3550 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
138/144
STV3550
Timing Specifications
10.3
Clock Timings
10.3.1 XTALIN Timings
Figure 83: Reset Timings
Symbol
Parameter
Min
Nom
Max
Units
Notes
tDCLDCH
EXTALIN Pulse Width Low
6
ns
tDCHDCL
EXTALIN Pulse Width High
10
ns
tDCLDCL
EXTALIN Period
37
ns
1, 2
1. Measured between corresponding points on consecutive falling edges.
2. Variation of individual falling edges from their nominal times.
tDCr
CLKXTP Rise Time
10
ns
3
3. Clock transitions must be monotonic within the range VIH to VIL.
tDCf
CLKXTM Fall Time
10
ns
10.3.1
Figure 84: XTALIN Timings
notRST
VDD
3.6
3.0
0
tRSTHRSTL
≥ 10ms
2.0V
1.5V
0.8V
tDCLDCH
tDCHDCL
tDCLDCL
90%
10%
tDCf
90%
10%
tDCr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com