Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
DS1081F3
39
CS43L36
4.5 Audio Serial Port (ASP)
• If ASP_STP = 0, the frame begins when LRCK/FSYNC transitions from high to low. See Fig. 4-21.
• If ASP_STP = 1, the frame begins when LRCK/FSYNC transitions from low to high. See Fig. 4-22.
In 50/50 Mode, left and right channels are programmed independently to output when LRCK/FSYNC is high or low—that
is, the channel-active phase. The active phase is controlled by ASP_RXx_CHy_AP (see Section 7.14). If x_AP = 1, the
respective channel is output if LRCK/FSYNC is high. If x_AP = 0, the channel is output if LRCK/FSYNC is low.
Note: Active phase has no function if 50/50 Mode = 0 or ASP_RX1_2FS = 1.
In 50/50 Mode, the channel location (see Section 4.5.3) is calculated within the channel-active phase. If there are N bits
in a frame, the location of the last bit of each active phase is equal to (N/2) – 1.
4.5.6
Serial Port Status
Each serial port has sticky, write-1-to-clear status bits related to capture paths. These bits are described in Section 7.4.3.
Mask bits (Section 7.4.12) determine whether INT is asserted when a status bit is set. Table 4-9 provides an overview.
Figure 4-21. Example 50/50 Mode (ASP_STP = 0)
Figure 4-22. Example 50/50 Mode (ASP_STP = 1)
Table 4-9. Serial Port Status
Name
Direction
Description
Register Reference
Request
Overload
Rx
Set when too many input buffers request processing at the same time. If all channel
registers are properly configured, this error status should never be set.
ASPRX_OVLD p. 67
LRCK Error
Rx
Logical OR of LRCK Early and LRCK Late (see below).
ASPRX_ERROR p. 67
LRCK Early
Rx
Set when the number of SCLK periods per LRCK phase (high or low) is less than the
expected count as determined by x_LCPR and x_LCHI.
Note: The Rx LRCK early interrupt status is set during the first receive LRCK early event.
Subsequent receive LRCK early events are indicated only if valid LRCK transitions are
detected.
ASPRX_EARLY p. 67
LRCK Late
Rx
Set when the number of SCLK periods per LRCK phase (high or low) is greater than the
expected count as determined by x_LCPR and x_LCHI.
ASPRX_LATE p. 67
No LRCK
Rx
Note: Set when the number of SCLK periods counted exceeds twice the value of LRCK
period (x_LCPR) without an LRCK edge.
ASPRX_NOLRCK p. 67
LRCK
...
...
x_STP = 0
SCLK
...
...
Channel y
Channel z
Next Sample
Previous Sample
x_CHy_LOC = 0, x_CHy_AP = 0
x_CHz_LOC = 0, x_CHz_AP = 1
SDIN
Channel z
Channel y
Next Sample
Previous Sample
x_CHz_LOC = 0, x_CHz_AP = 0
x_CHy_LOC = 0, x_CHy_AP = 1
This diagram assumes x_FSD = 0
0
1
2
Channel location index
x_CHy_LOC, x_CHz_LOC)
N/2 – 1
N/2 – 2
N/2 – 3
...
0
1
2
N/2 – 1
N/2 – 2
N/2 – 3
...
LRCK
SCLK
...
...
Channel y
Channel z
Next Sample
Previous Sample
x_CHy_LOC = 0, x_CHy_AP = 1
x_CHz_LOC = 0, x_CHz_AP = 0
SDIN
Channel z
Channel y
Next Sample
Previous Sample
x_CHz_LOC = 0, x_CHz_AP = 1
x_CHy_LOC = 0, x_CHy_AP = 0
...
...
x_STP = 1
0
1
2
Channel location index (x_CHy_LOC, x_CHz_LOC)
N/2 – 1
N/2 – 2
N/2 – 3
...
0
1
2
N/2 – 1
N/2 – 2
N/2 – 3
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com