Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
DS1081F3
22
CS43L36
4.2 Analog Output
4.2 Analog Output
This section describes the headphone (HP) outputs. The CS43L36 provides an analog output that is fed from the mixer.
Fig. 4-3 shows the general flow of the analog outputs.
Figure 4-3. Analog-Output Signal Flow
The output path is sourced directly from the digital volume control output. The playback path uses advanced analog and digital
signal-processing techniques to adapt to the input signal content and enhance dynamic range and power consumption of the
playback path. The HP output must be muted before changing the state of FULL_SCALE_VOL (see p. 76), which sets the
maximum HPOUT output voltage. See Table 3-7. HP outputs are muted by ANA_MUTE_B and ANA_MUTE_A (see p. 76).
Fig. 4-4 is an op-amp–level schematic for the analog output flow.
Figure 4-4. Op-Amp-Level Schematic—Analog Outputs
4.2.1
Pseudodifferential Outputs
The analog output amplifiers use a pseudodifferential output topology that allows the amplifier to monitor the ground
potential at the load through the reference pins (HSx_REF). Minimize the impedance from the CS43L36 reference pin to
the load ground (typically the connector ground). Impedance in this path affects analog output attenuation as well as the
common-mode rejection of the output amplifier, which affects output offset and step deviation.
4.2.2
Output Load Detection
The CS43L36 can distinguish between the following output loads:
•RL = 15, 30, or 3 k
•CL < ~2 nF (low capacitance); CL > ~2 nF (high capacitance)
Note: Channels A and B must have matching loads, although load detection is performed using Channel A.
Before output load detection is initiated, the following steps must be performed:
1. HS-type information must be determined to run a headset load-detection sequence, as described in Section 4.8.
DAC Data Path
Left
Right
HSx_REF
HPOUTA
-
+
+VCP_FILT
–VCP_FILT
HPOUTB
-
+
+VCP_FILT
–VCP_FILT
DACB
Interpolator
Interpolator
DACA
Invert
Invert
DAC_HPF_EN
p. 76
HPOUT_LOAD p. 75
FULL_SCALE_VOL p. 76
ANA_MUTE_B p. 76
ANA_MUTE_A p. 76
DACx_INV p. 75
HPOUTx
DACx+
DACx–
HSx_REF
HPSENSx
+
–
WLCSP version only
HPOUTx
DACx+
DACx–
HSx_REF
+
–
QFN version only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com