Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
DS1081F3
75
CS43L36
7.8 DAC Control Registers
7.8 DAC Control Registers
7.7.4
Detect Status 1
Address 0x1B77
R/O
7
6
5
432
10
TIP_SENSE
—
Default
x
x
0
xxx
xx
Bits
Name
Description
7
TIP_SENSE
TIP_SENSE circuit status. The plug-to-unplug edge is debounced for the set debounce time (see TIP_SENSE_
DEBOUNCE, p. 74).
0 HP not plugged in
1 HP plugged in
6:0
—
Reserved
7.7.5
Detect Interrupt Mask 1
Address 0x1B79
R/W
7
6
5
4
32
10
—
M_TIP_SENSE_PLUG M_TIP_SENSE_UNPLUG
—
Default
1
1
1
0
000
0
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.12.
Bits
Name
Description
7—
Reserved
6M_TIP_
SENSE_
PLUG
TIP_SENSE_PLUG mask
0 Unmasked
1 (Default) Masked
5M_TIP_
SENSE_
UNPLUG
TIP_SENSE_UNPLUG mask
0 Unmasked
1 (Default) Masked
4:0
—
Reserved
7.8.1
DAC Control 1
Address 0x1F01
R/W
7654321
0
—
DACB_INV
DACA_INV
Default
000000
0
0
Bits
Name
Description
7:2
—
Reserved
1:0 DACx_INV DACx invert signal polarity. Configures the polarity of the DAC channel x signal. See Section 4.2 for details.
0 (Default) Not inverted
1 Inverted
7.8.2
DAC Control 2
Address 0x1F06
R/W
765
43210
HPOUT_PULLDOWN
HPOUT_LOAD HPOUT_CLAMP DAC_HPF_EN
—
Default
00
000010
Bits
Name
Description
7:4
HPOUT_
PULLDOWN
Although bits 2:0 are independent, the final resistance from the resistor string is dictated by the lowest resistance chosen;
e.g., if HPOUT_PULLDOWN = 1011, a nominal 6-k
 pull-down resistance results even if 9.6-k resistance is also
selected.
0000 (Default) 0.9 k
0001–0111 0.9 k
1000 No pulldown
1001 9.3 k
1010 5.8 k
1011 Reserved
1100 0.9 k
1101–1111 Reserved
3HPOUT_
LOAD
HP output load. Sets HP amplifier capacitive load capability. Table 3-7 gives output specifications. See Section 4.2 for
details.
0 (Default) 1 nF Mode
1 10 nF Mode
Note: The HP path must be powered down before reconfiguring this bit and repowered afterwards. See Section 4.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com