Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
DS1081F3
25
CS43L36
4.3 Class H Amplifier
4.3.2
Power-Supply Transitions
Charge-pump transitions from the lower to the higher set of rail voltages occur on the next FLYN/FLYP clock cycle. Despite
the system’s fast response time, the VCP_FILT pin’s capacitive elements prevent rail voltages from changing instantly.
Instead, the rail voltages ramp from the lower to the higher supply, based on the time constant created by the output
impedance of the charge pump and the capacitor on the VCP_FILT pin (the transition time is approximately 20 µs).
Fig. 4-6 shows Class H supply switching. During this transition, a high dV/dt transient on the inputs may briefly clip the
outputs before the rail voltages charge to the full higher supply level. This transitory clipping has been found to be inaudible
in listening tests.
Figure 4-6. VCP_FILT Transitions—Headphone Output
When the charge pump transitions from the higher to the lower set of rail voltages, there is a 5.5-s delay before the charge
pump supplies the lower rail voltages to the amplifiers. This hysteresis ensures that the charge pump does not toggle
between the two rail voltages as signals approach the clip threshold. It also prevents clipping in the instance of repetitive
high-level transients in the input signal. Fig. 4-7 shows this transitional behavior.
+VCP
+VCP
2
Ideal Transition
Actual Transition caused
by +VCP_FILT Capacitor
Time
+VCP
3
+2.5 V
-VCP
-VCP
2
-VCP
3
-2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com