Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
DS1081F3
52
CS43L36
6 Register Quick Reference
6 Register Quick Reference
Table 6-1 lists the register page addresses for each module.
Notes:
• Default values are shown below the bit field names.
• Default bits marked “x” are reserved or undetermined.
• Fields shown in red are controls that are also located in the VP power supply domain.
• Fields shown in turquoise are status indicators from the VP power supply domain that are selectively raw or sticky.
• Fields shown in orange are affected by the FREEZE bit (see p. 59).
6.1 Global Registers
Table 6-1. Register Base Addresses
Module Group
Page
Module
Reference
Chip-Level
0x10
Global
Section 6.1 on p. 52
0x11
Power-down and headset detect
Section 6.2 on p. 53
0x12
Clocking
Section 6.3 on p. 54
0x13
Interrupt
Section 6.4 on p. 54
0x14
Reserved
—
0x15
Fractional-N PLL
Section 6.5 on p. 55
0x16–0x18 Reserved
—
0x19
Headphone load detect
Section 6.6 on p. 56
0x1A
Reserved
—
Analog Input
0x1B
Headset Interface
Section 6.7 on p. 56
0x1E
Reserved
—
Analog Outputs
0x1F
DAC
Section 6.8 on p. 57
0x20
HP control
Section 6.9 on p. 57
0x21
Class H
Section 6.10 on p. 57
0x22
Reserved
—
Internal Modules
0x23
Mixer volume
Section 6.11 on p. 57
0x24
Reserved
—
0x25
AudioPort interface
Section 6.12 on p. 58
0x26
SRC
Section 6.13 on p. 58
0x27
Reserved
—
Serial Ports
0x28
Reserved
—
0x29
Reserved
—
0x2A
ASP receive
Section 6.14 on p. 58
—
0x2B–0x2F Reserved
—
ID registers
0x30
ID registers
Section 6.15 on p. 59
—
0x31–0xFF Reserved
—
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94(Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x10—Global Registers
Address
Function
765
43210
0x00
Control Port Page
PAGE
000
10000
0x01–0x04 Reserved
—
xxxxx
xxx
0x05
Revision ID (Read
Only)
AREVID
MTLREVID
p. 59
xxxxx
xxx
0x06
Freeze Control
—
FREEZE
p. 59
000
00000
0x07
Serial Port SRC
Control
—
I2C_DRIVE
—
SRC_
BYPASS_DAC
—
p. 60
000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com