Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
DS1081F3
38
CS43L36
4.5 Audio Serial Port (ASP)
As Fig. 4-20 shows, the null-sample bit (NSB) flag may be any bit of the least-significant sample byte. NSB-encoded
streams are assumed to contain 8 bits of nonaudio data as the LSB.
Figure 4-20. NSB Null Encoding
To send isochronous audio data to a serial port, the data pattern must be such that the LRCK/FSYNC transition preceding
any given nonnull sample on the 48-kHz serial port does not deviate by more than one sample period from a virtual clock
running at the desired sample rate. Use the following example to determine the data word as it appears on the serial port.
error = 0
for each LRCK
if(error < 1/FLRCK)
output = <<next sample>>
error = error + (1/Fs - 1/FLRCK)
else
output = NULL
error = error - 1/FLRCK
The null-sample sequences in Table 4-8 result from the example above for common sample rates. This method ensures
that the internal receive data FIFO does not underrun or overrun, which would cause audio data loss. Depending on the
internal audio data FIFOs’ startup conditions and on the serial-port clock-phase relationships, isochronous data sent from
a serial port may not adhere to the data patterns in Table 4-8. In all cases, the transmitted audio data rate matches the
stream sample rate.
4.5.5
50/50 Mode
Regardless of the state of ASP_LRCK/FSYNC, in 50/50 Mode (ASP_5050 = 1, see p. 66), the ASP can start a frame.
The ASP_STP setting (see p. 66) determines which LRCK/FSYNC phase starts a frame in 50/50 Mode, as follows:
Table 4-8. Isochronous Input Data Pattern Examples
Sample Rate (kHz)
Isochronous Data Pattern for LRCK = 48 kHz
8.000
1S5N (repeat)
11.025
[[[1s3nx2]1s4n]x5 1s3n1s4n]x4 [[1s3nx2]1s4n]x4 1s3n1s4n [[[1s3nx2]1s4n]x5 1s3n1s4n]x3
[[1s3nx2]1s4n]x4 1s3n1s4n (repeat)
12.000
1S3N (repeat)
16.000
1S2N (repeat)
22.05
[[1s1nx6]1n [1s1nx6]1n [1s1nx5]1n]x8 [1s1nx6]1n [1s1nx5]1n (repeat)
24.000
1S1N (repeat)
32.000
2S1N (repeat)
44.100
[12s1n[11s1n]x2]x3 11s1n (repeat)
48.000
1S (repeat)
Note: N = Null sample, S = Normal sample
ISO null sample indicator bit (selectable, Non‐PCM)
1: Normal sample
0: Null sample
Other bits are ignored
N0
Audio Sample
0
N + 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com